Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuCM363BCPZ256 Datasheet(PDF) 3 Page - Analog Devices

Part # ADuCM363BCPZ256
Description  At 50 SPS continuous conversion mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM363BCPZ256 Datasheet(HTML) 3 Page - Analog Devices

  ADuCM363BCPZ256 Datasheet HTML 1Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 2Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 3Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 4Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 5Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 6Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 7Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 8Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADuCM362/ADuCM363
Rev. 0 | Page 3 of 24
GENERAL DESCRIPTION
The ADuCM362/ADuCM363 are fully integrated, 3.9 kSPS,
24-bit data acquisition systems that incorporate dual, high
performance, multichannel sigma-delta (Σ-Δ) analog-to-digital
converters (ADCs), a 32-bit ARM Cortex™-M3 processor, and
Flash/EE memory on a single chip. The ADuCM362/
ADuCM363 are designed for direct interfacing to external
precision sensors in both wired and battery-powered applications.
The ADuCM363 contains all the features of the ADuCM362,
except that only one 24-bit Σ-Δ ADC (ADC1) is available.
The ADuCM362/ADuCM363 contain an on-chip 32 kHz
oscillator and an internal 16 MHz high frequency oscillator. The
high frequency oscillator is routed through a programmable clock
divider from which the operating frequency of the processor core
clock is generated. The maximum core clock speed is 16 MHz;
this speed is not limited by operating voltage or temperature.
The microcontroller core is a low power ARM Cortex-M3
processor, a 32-bit RISC machine that offers up to 20 MIPS peak
performance. The Cortex-M3 processor incorporates a flexible,
11-channel DMA controller that supports all wired communica-
tion peripherals (both SPIs, both UARTs, and I2C). Also
integrated on chip are up to 256 kB of nonvolatile Flash/EE
memory and 24 kB of SRAM.
The analog subsystem consists of dual ADCs, each connected to
a flexible input mux. Both ADCs can operate in fully differential
and single-ended modes. Other on-chip ADC features include
dual programmable excitation current sources, diagnostic current
sources, and a bias voltage generator of AVDD_REG/2 (900 mV)
to set the common-mode voltage of an input channel. A low-side
internal ground switch is provided to allow power-down of an
external circuit (for example, a bridge circuit) between conversions.
Optional input buffers are provided for the analog inputs and the
external reference inputs. These buffers can be enabled for all PGA
gain settings.
The ADCs contain two parallel filters: a sinc3 or sinc4 filter in
parallel with a sinc2 filter. The sinc3 or sinc4 filter is used for
precision measurements. The sinc2 filter is used for fast measure-
ments and for the detection of step changes in the input signal.
The devices contain a low noise, low drift internal band gap
reference, but they can be configured to accept one or two
external reference sources in ratiometric measurement config-
urations. An option to buffer the external reference inputs is
provided on chip. A single-channel buffered voltage output
DAC is also provided on chip.
The ADuCM362/ADuCM363 integrate a range of on-chip
peripherals, which can be configured under microcontroller
software control as required in the application. The peripherals
include two UARTs, I2C, and dual SPI serial I/O communication
controllers; a 19-pin GPIO port; two general-purpose timers;
a wake-up timer; and a system watchdog timer. A 16-bit PWM
controller with six output channels is also provided.
The ADuCM362/ADuCM363 are specifically designed to operate
in battery-powered applications where low power operation is
critical. The microcontroller core can be configured in a normal
operating mode that consumes 290 μA/MHz (including flash/
SRAM IDD). An overall system current consumption of 1 mA can
be achieved with both ADCs on (input buffers off), PGA gain of
4, one SPI port on, and all timers on.
The ADuCM362/ADuCM363 can be configured in a number of
low power operating modes under direct program control,
including a hibernate mode (internal wake-up timer active) that
consumes only 4 μA. In hibernate mode, peripherals, such as
external interrupts or the internal wake-up timer, can wake up
the devices. This mode allows the devices to operate with ultralow
power while still responding to asynchronous external or
periodic events.
On-chip factory firmware supports in-circuit serial download
via a serial wire interface (2-pin JTAG system) and UART; non-
intrusive emulation is also supported via the serial wire interface.
These features are incorporated into a low cost QuickStart™
Development System that supports this precision analog micro-
controller family.
The devices operate from an external 1.8 V to 3.6 V voltage
supply and are specified over an industrial temperature range of
−40°C to +125°C.


Similar Part No. - ADuCM363BCPZ256

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM360 AD-ADUCM360 Datasheet
431Kb / 21P
   Low Power Precision Analog Microcontroller
Rev. Pr R
ADUCM360 AD-ADUCM360 Datasheet
375Kb / 7P
   Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
ADUCM360 AD-ADUCM360 Datasheet
373Kb / 5P
   USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
ADUCM360 AD-ADUCM360 Datasheet
407Kb / 8P
   Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
REV. A
ADuCM360 AD-ADuCM360 Datasheet
418Kb / 5P
   Devices Connected
More results

Similar Description - ADuCM363BCPZ256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0880 FAIRCHILD-KA1M0880 Datasheet
139Kb / 8P
   SPS
KA1M0280R FAIRCHILD-KA1M0280R Datasheet
99Kb / 8P
   SPS
KA2S0880 FAIRCHILD-KA2S0880 Datasheet
139Kb / 8P
   SPS
KA2S0680 FAIRCHILD-KA2S0680 Datasheet
139Kb / 8P
   SPS
KA1H0380 FAIRCHILD-KA1H0380 Datasheet
97Kb / 8P
   SPS
KA1H0365R FAIRCHILD-KA1H0365R Datasheet
99Kb / 8P
   SPS
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
   Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
logo
Optoway Technology Inc
SPS-4102WG OPTOWAY-SPS-4102WG Datasheet
203Kb / 6P
   SPS-4102WG / SPS-4102BWG (RoHS Compliant)
logo
TE Connectivity Ltd
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com