Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM150N0BRZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADuM150N0BRZ
Description  High robustness to radiated and conducted noise
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM150N0BRZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuM150N0BRZ Datasheet HTML 7Page - Analog Devices ADuM150N0BRZ Datasheet HTML 8Page - Analog Devices ADuM150N0BRZ Datasheet HTML 9Page - Analog Devices ADuM150N0BRZ Datasheet HTML 10Page - Analog Devices ADuM150N0BRZ Datasheet HTML 11Page - Analog Devices ADuM150N0BRZ Datasheet HTML 12Page - Analog Devices ADuM150N0BRZ Datasheet HTML 13Page - Analog Devices ADuM150N0BRZ Datasheet HTML 14Page - Analog Devices ADuM150N0BRZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
ADuM150N/ADuM151N/ADuM152N
Rev. 0 | Page 11 of 22
INSULATION AND SAFETY RELATED SPECIFICATIONS
For additional information, see http://www.analog.com/icouplersafety.
Table 9.
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
3000
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L (I01)
4.0
mm min
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L (I02)
4.0
mm min
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Clearance in the Plane of the Printed
Circuit Board (PCB Clearance)
L (PCB)
4.5
mm min
Measured from input terminals to output terminals,
shortest distance through air, line of sight, in the PCB
mounting plane
Minimum Internal Gap (Internal Clearance)
25.5
μm min
Minimum distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303 Part 1
Material Group
II
Material Group (DIN VDE 0110, 1/89, Table 1)
PACKAGE CHARACTERISTICS
Table 10.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)1
R
I-O
1013
Ω
Capacitance (Input to Output)1
C
I-O
2.2
pF
f = 1 MHz
Input Capacitance2
C
I
4.0
pF
IC Junction to Ambient Thermal Resistance
θ
JA
75
°C/W
Thermocouple located at center of package underside
1 The device is considered a 2-terminal device: Pin 1 through Pin 8 are shorted together, and Pin 9 through Pin 16 are shorted together.
2 Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
See Table 15 and the Insulation Lifetime section for details regarding recommended maximum working voltages for specific cross-
isolation waveforms and insulation levels.
Table 11.
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Recognized Under UL 1577
Component Recognition
Program1
Approved under CSA Component
Acceptance Notice 5A
Certified according to DIN V VDE V
0884-10 (VDE V 0884-10):2006-122
Certified under
CQC11-471543-2012,
GB4943.1-2011:
Single Protection, 3000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC
60950-1, second edition, +A1+A2:
Reinforced insulation, V
IORM =
565 V peak, V
IOSM = 6000 V peak
Basic insulation at
770 V rms (1089 V peak)
Double Protection, 3000 V rms
Isolation Voltage
Basic insulation at 400 V rms
(565 V peak)
Basic insulation, V
IORM = 565 V peak,
V
IOSM = 10 kV peak
Reinforced insulation at
385 V rms (545 V peak)
Reinforced insulation at 200 V rms
(283 V peak)
IEC 60601-1 Edition 3.1: basic
insulation (one means of patient
protection (1 MOPP)), 250 V rms
(354 V peak)
CSA 61010-1-12 and IEC 61010-1 third
edition:
Basic insulation at 300 V rms mains,
400 V rms secondary (565 V peak)
Reinforced insulation at 300 V rms
mains, 200 V secondary (282 V peak)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1 In accordance with UL 1577, each ADuM150N/ADuM151N/ADuM152N in the R-16 narrow-body (SOIC_N) package is proof tested by applying an insulation test voltage ≥
3600 V rms for 1 sec.
2 In accordance with DIN V VDE V 0884-10, each ADuM150N/ADuM151N/ADuM152N in the R-16 narrow-body (SOIC_N) package is proof tested by applying an insulation
test voltage ≥ 1059 V peak for 1 sec (partial discharge detection limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.


Similar Part No. - ADuM150N0BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1510 AD-ADUM1510 Datasheet
264Kb / 12P
   5-Channel, Unidirectional Digital Isolator
Rev. A
ADUM1510 AD-ADUM1510 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1510 AD-ADUM1510 Datasheet
217Kb / 12P
   5-Channel, Unidirectional Digital Isolator
REV. B
ADUM1510BRWZ AD-ADUM1510BRWZ Datasheet
264Kb / 12P
   5-Channel, Unidirectional Digital Isolator
Rev. A
ADUM1510BRWZ AD-ADUM1510BRWZ Datasheet
217Kb / 12P
   5-Channel, Unidirectional Digital Isolator
REV. B
More results

Similar Description - ADuM150N0BRZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT005V2 STMICROELECTRONICS-STEVAL-IHT005V2 Datasheet
403Kb / 4P
   Relay to demonstrate board noise robustness
logo
Lumileds Lighting Compa...
DS127 LUMILEDS-DS127 Datasheet
1Mb / 16P
   Reliability and robustness
logo
Roithner LaserTechnik G...
LED760-40K42 ROITHNER-LED760-40K42 Datasheet
60Kb / 1P
   High radiated intensity
logo
Anaren Microwave
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
975Kb / 2P
   Excellent receiver sensitivity and robustness to interference
A2530R24AZ1 ANAREN-A2530R24AZ1 Datasheet
954Kb / 2P
   Excellent receiver sensitivity and robustness to interference
logo
Infineon Technologies A...
FD800R45KL3-K_B5 INFINEON-FD800R45KL3-K_B5_15 Datasheet
611Kb / 12P
   High Dynamic Robustness
2015-09-14 revision:3.0
logo
Powerbox
DP500IP POWERBOX-DP500IP Datasheet
246Kb / 2P
   Very high transient robustness
logo
Johanson Technology Inc...
0900AT43A0070 JOHANSON-0900AT43A0070 Datasheet
1,001Kb / 8P
   Radiated Efficiency
logo
JMK Inc.
GF-2032-2 JMK-GF-2032-2 Datasheet
561Kb / 1P
   This filter was developed to suppress conducted electrical noise from MRI LED lighting systems.
logo
Pulse A Technitrol Comp...
PE-68624NLT PULSE-PE-68624NLT Datasheet
1Mb / 3P
   Reduces radiated EMI emissions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com