Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9164-FMCB-EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9164-FMCB-EBZ
Description  DAC update rate up to 12 GSPS
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9164-FMCB-EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9164-FMCB-EBZ Datasheet HTML 1Page - Analog Devices AD9164-FMCB-EBZ Datasheet HTML 2Page - Analog Devices AD9164-FMCB-EBZ Datasheet HTML 3Page - Analog Devices AD9164-FMCB-EBZ Datasheet HTML 4Page - Analog Devices AD9164-FMCB-EBZ Datasheet HTML 5Page - Analog Devices AD9164-FMCB-EBZ Datasheet HTML 6Page - Analog Devices AD9164-FMCB-EBZ Datasheet HTML 7Page - Analog Devices AD9164-FMCB-EBZ Datasheet HTML 8Page - Analog Devices AD9164-FMCB-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 137 page
background image
AD9164
Data Sheet
Rev. A | Page 4 of 136
SPECIFICATIONS
DC SPECIFICATIONS
VDD25_DAC = 2.5 V, VDD12A = VDD12_CLK = 1.2 V, VNEG_N1P2 = −1.2 V, DVDD = 1.2 V, IOVDD = 2.5 V, VDD_1P2 =
DVDD_1P2 = PLL_LDO_VDD12 = 1.2 V, SYNC_VDD_3P3 = 3.3 V, DAC output full-scale current (IOUTFS) = 40 mA, and TA = −40°C to
+85°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bit
DAC Update Rate
Minimum
1.5
GSPS
Maximum
VDDx1 = 1.3 V ± 2%2
6
6.4
GSPS
VDDx1 = 1.3 V ± 2%2, FIR853 2× interpolator enabled
12
12.8
GSPS
Adjusted4
VDDx1 = 1.3 V ± 2%2
6
6.4
GSPS
ACCURACY
Integral Nonlinearity (INL)
±2.7
LSB
Differential Nonlinearity (DNL)
±1.7
LSB
ANALOG OUTPUTS
Gain Error (with Internal Reference)
−1.7
%
Full-Scale Output Current
Minimum
RSET = 9.76 kΩ
7.37
8
8.57
mA
Maximum
RSET = 9.76 kΩ
35.8
38.76
41.3
mA
DAC CLOCK INPUT (CLK+, CLK−)
Differential Input Power
RLOAD = 90 Ω differential on-chip
−20
0
+10
dBm
Common-Mode Voltage
AC-coupled
0.6
V
Input Impedance1
3 GSPS input clock
90
TEMPERATURE DRIFT
Gain
105
ppm/°C
Reference Voltage
75
ppm/°C
TEMPERATURE SENSOR
Accuracy
After single point calibration (See the
Temperature Sensor section)
±5
%
REFERENCE
Internal Reference Voltage
1.19
V
ANALOG SUPPLY VOLTAGES
VDD25_DAC
2.375
2.5
2.625
V
VDD12A2
1.14
1.2
1.326
V
VDD12_CLK2
1.14
1.2
1.326
V
VNEG_N1P2
−1.26
−1.2
−1.14
V
DIGITAL SUPPLY VOLTAGES
DVDD
Includes VDD12_DCD/DLL
1.14
1.2
1.326
V
IOVDD3
1.71
2.5
3.465
V
SERDES SUPPLY VOLTAGES
VDD_1P2
1.14
1.2
1.326
V
VTT_1P2
Can connect to VDD_1P2
1.14
1.2
1.326
V
DVDD_1P2
1.14
1.2
1.326
V
PLL_LDO_VDD12
1.14
1.2
1.326
V
PLL_CLK_VDD12
Can connect to PLL_LDO_VDD12
1.14
1.2
1.326
V
SYNC_VDD_3P3
3.135
3.3
3.465
V
BIAS_VDD_1P2
Can connect to VDD_1P2
1.14
1.2
1.326
V
1
See the Clock Input section for more details.
2
For the lowest noise performance, use a separate power supply filter network for the VDD12_CLK and the VDD12A pins.
3
IOVDD can range from 1.8 V to 3.3 V, with ±5% tolerance.
4
The adjusted DAC update rate is calculated as fDAC divided by the minimum required interpolation factor. For the AD9164, the minimum interpolation factor is 1.
Therefore, with fDAC = 6 GSPS, fDAC adjusted = 6 GSPS. When FIR85 is enabled, which puts the device into 2× NRZ mode, fDAC = 2 × (DAC clock input frequency), and the
minimum interpolation increases to 2× (interpolation value). Thus, for the AD9164, with FIR85 enabled and DAC clock = 6 GSPS, fDAC = 12 GSPS, minimum interpolation = 2×, and
the adjusted DAC update rate = 6 GSPS.


Similar Part No. - AD9164-FMCB-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9161-FMCC-EBZ AD-AD9161-FMCC-EBZ Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9161BBCZ AD-AD9161BBCZ Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9161BBCZRL AD-AD9161BBCZRL Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9162 AD-AD9162 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
More results

Similar Description - AD9164-FMCB-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9163 AD-AD9163 Datasheet
2Mb / 124P
   DAC update rate up to 12 GSPS
logo
Maxim Integrated Produc...
MAX19700EVKIT MAXIM-MAX19700EVKIT Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
logo
Analog Devices
AD9177 AD-AD9177 Datasheet
132Kb / 5P
   Quad, 16-Bit, 12 GSPS RF DAC
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
logo
Texas Instruments
AFE7954 TI1-AFE7954 Datasheet
925Kb / 31P
[Old version datasheet]   AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)
JULY 2023
DAC12DL3200 TI-DAC12DL3200 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
DAC12DL3200 TI-DAC12DL3200_V01 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
NOVEMBER 2021
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com