Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9163BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD9163BBCZ Datasheet HTML 1Page - Analog Devices AD9163BBCZ Datasheet HTML 2Page - Analog Devices AD9163BBCZ Datasheet HTML 3Page - Analog Devices AD9163BBCZ Datasheet HTML 4Page - Analog Devices AD9163BBCZ Datasheet HTML 5Page - Analog Devices AD9163BBCZ Datasheet HTML 6Page - Analog Devices AD9163BBCZ Datasheet HTML 7Page - Analog Devices AD9163BBCZ Datasheet HTML 8Page - Analog Devices AD9163BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
16-Bit, 12 GSPS,
RF DAC and Digital Upconverter
Data Sheet
AD9163
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
DAC update rate up to 12 GSPS (minimum)
Direct RF synthesis at 6 GSPS (minimum)
DC to 3 GHz in nonreturn-to-zero (NRZ)mode
DC to 6 GHz in 2× NRZ mode
1.5 GHz to 7.5 GHz in Mix-Mode
Selectable interpolation
6×, 8×, 12×, 16×, 24×
Excellent dynamic performance
APPLICATIONS
Broadband communications systems
DOCSIS 3.1 cable modem termination system (CMTS)/
video on demand (VOD)/edge quadrature amplitude
modulation (EQAM)
Wireless communications infrastructure
MC-GSM, W-CDMA, LTE, LTE-A, point to point
GENERAL DESCRIPTION
The AD91631 is a high performance, 16-bit digital-to-analog
converter (DAC) that supports data rates to 6 GSPS. The DAC
core is based on a quad-switch architecture coupled with a 2×
interpolator filter that enables an effective DAC update rate of
up to 12 GSPS in some modes. The high dynamic range and
bandwidth makes this DAC ideally suited for the most
demanding high speed radio frequency (RF) DAC applications.
Superior RF performance and deep interpolation rates enable
use of the AD9163 in many wireless infrastructure applications,
including MC-GSM, W-CDMA, LTE, and LTE-A. The wide
bandwidth of up to 1 GHz and the complex NCO and digital
upconverter enable dual band and triple band direct RF
synthesis of wireless infrastructure signals, eliminating costly
analog upconverters.
Wide analog bandwidth capability combines with high dynamic
range to support DOCSIS 3.1 cable infrastructure compliance
from the minimum of one carrier up to 1 GHz of signal bandwidth,
making it ideal for cable multiple dwelling unit (MDU) applications.
A 2× interpolator filter (FIR85) enables the AD9163 to be config-
ured for lower data rates and converter clocking to reduce the
overall system power and ease the filtering requirements. In
Mix-Mode™ operation, the AD9163 can reconstruct RF carriers
in the second and third Nyquist zones up to 7.5 GHz while still
maintaining exceptional dynamic range. The output current can
be programmed from 8 mA to 38.76 mA. The AD9163 data
interface consists of up to eight JESD204B serializer/deserializer
(SERDES) lanes that are programmable in terms of lane speed
and number of lanes to enable application flexibility.
A serial peripheral interface (SPI) configures the AD9163 and
monitors the status of all the registers. The AD9163 is offered in
a 169-ball, 11 mm × 11 mm, 0.8 mm pitch CSP_BGA package.
PRODUCT HIGHLIGHTS
1. High dynamic range and signal reconstruction bandwidth
supports RF signal synthesis of up to 7.5 GHz.
2. Up to eight lanes JESD204B SERDES interface, flexible in
terms of number of lanes and lane speed.
3. Bandwidth and dynamic range to meet multiband wireless
communications standards with margin.
FUNCTIONAL BLOCK DIAGRAM
HB
HB
JESD
HB
2×,
4×,
INV
SINC
SDO
SDIO
SCLK
CS
SPI
DAC
CORE
SERDIN0±
SERDIN7±
SYSREF±
SYNCOUT±
CLOCK
DISTRIBUTION
CLK±
AD9163
TO JESD
TO DATAPATH
TX_ENABLE
OUTPUT±
RESET
IRQ
VREF
ISET VREF
NCO
HB
NRZ RZ MIX
Figure 1.
1
Protected by U.S. Patents 6,842,132 and 7,796,971.


Similar Part No. - AD9163BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9163BBCZ AD-AD9163BBCZ Datasheet
2Mb / 126P
   RF DAC and Digital Upconverter
AD9163BBCZRL AD-AD9163BBCZRL Datasheet
2Mb / 126P
   RF DAC and Digital Upconverter
More results

Similar Description - AD9163BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9164 AD-AD9164 Datasheet
2Mb / 137P
   DAC update rate up to 12 GSPS
logo
Maxim Integrated Produc...
MAX19700EVKIT MAXIM-MAX19700EVKIT Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
logo
Analog Devices
AD9177 AD-AD9177 Datasheet
132Kb / 5P
   Quad, 16-Bit, 12 GSPS RF DAC
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
logo
Texas Instruments
AFE7954 TI1-AFE7954 Datasheet
925Kb / 31P
[Old version datasheet]   AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)
JULY 2023
DAC12DL3200 TI-DAC12DL3200 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
DAC12DL3200 TI-DAC12DL3200_V01 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
NOVEMBER 2021
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com