Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

483-G124-J2 Datasheet(PDF) 4 Page - ETAL Group

Part # 483-G124-J2
Description  Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

483-G124-J2 Datasheet(HTML) 4 Page - ETAL Group

  483-G124-J2 Datasheet HTML 1Page - ETAL Group 483-G124-J2 Datasheet HTML 2Page - ETAL Group 483-G124-J2 Datasheet HTML 3Page - ETAL Group 483-G124-J2 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Performance Thermal Circuit Breaker 483-...
www.e-t-a.de
1646
4
1
Splash cover/hex nut assembly with O ring (IP54)
(approved to VG 95345, T23)
X 200 802 01 nickel plated nut
X 200 802 02 matt black finish nut
Splash cover/hex nut assembly with O ring (IP66 and IP67)
(approved to VG 95345, T23)
X 200 801 08 nickel plated nut, transparent cover
X 200 801 03 matt black finish nut, black cover
X 200 801 09 matt black finish nut 7/16-32, black cover
X 200 801 12 with blackened nut and transparent cover
Actuator extension (black) to be fitted on the push button
(approved to VG 95345, T23)
X 200 803 01
M12x1 or
7/16-32
M12x1
ø20
ø.787
Other main terminal and threadneck designs
Accessories
Typical time/current characteristics
Mounting -G6
Terminal design -J3
Terminal design -J2
Terminal distances to:
MS 14 105 (a, b)
MS 14 153 (a, b)
MS 22 073 (a)
MS 22 074 (a)
MS 25 244 (a)
MS 25 373 (a, b)
Terminal distances to:
MS 26 574 (a, b)
45°
a
45°
10.5
(18 mm/.709 in.)
.413
(15 mm/.591 in.)
a
45°
8.5
.335
black
white
-55 °C
+67 °F
+ 23 °C
+ 73.4 °F
+125 °C
+ 257 °F
12
46 810
20
40
… times rated current
10000
1000
100
10
1
0.1
0.01
0.001
6080100
Accessories
Identification collar to be snapped on the push button
Y 307 004 01 black
Y 307 004 02 white
Y 307 004 03 red
Y 307 004 04 green
Y 307 004 05 blue
ø6.85
ø12.35
ø14
.270
.551
.486
0.65
.026
Lock out ring to block the push button in OFF position
Y 307 005 01 red
Y 307 005 02 black
0.8
.031
ø10.9
ø14.6
.575
.429
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.


Similar Part No. - 483-G124-J2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
483-01 MICROSEMI-483-01 Datasheet
239Kb / 3P
   THREE PHASE 25 AMP RECTIFIER BRIDGES
483-02 MICROSEMI-483-02 Datasheet
239Kb / 3P
   THREE PHASE 25 AMP RECTIFIER BRIDGES
logo
ON Semiconductor
483-02 ONSEMI-483-02 Datasheet
50Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
May, 2007 - Rev. 02H
logo
Microsemi Corporation
483-03 MICROSEMI-483-03 Datasheet
239Kb / 3P
   THREE PHASE 25 AMP RECTIFIER BRIDGES
483-1 MICROSEMI-483-1 Datasheet
81Kb / 2P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
More results

Similar Description - 483-G124-J2

ManufacturerPart #DatasheetDescription
logo
ETAL Group
583-G ETAL-583-G Datasheet
267Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
4930-01 ETAL-4930-01 Datasheet
202Kb / 4P
   Aircraft electrical systems and equipment, and other high performance applications
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com