Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8345-C12B-U0 Datasheet(PDF) 8 Page - ETAL Group

Part # 8345-C12B-U0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-C12B-U0 Datasheet(HTML) 8 Page - ETAL Group

Back Button 8345-C12B-U0 Datasheet HTML 2Page - ETAL Group 8345-C12B-U0 Datasheet HTML 3Page - ETAL Group 8345-C12B-U0 Datasheet HTML 4Page - ETAL Group 8345-C12B-U0 Datasheet HTML 5Page - ETAL Group 8345-C12B-U0 Datasheet HTML 6Page - ETAL Group 8345-C12B-U0 Datasheet HTML 7Page - ETAL Group 8345-C12B-U0 Datasheet HTML 8Page - ETAL Group 8345-C12B-U0 Datasheet HTML 9Page - ETAL Group 8345-C12B-U0 Datasheet HTML 10Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Remote trip module X8345-F for Circuit Breaker 8345-...
www.e-t-a.de
1651
8
1
A module which adds remote trip capability to all versions of type 8345.
A voltage applied across the coil, by means of an external sensor for
example, will cause disconnection of the main switch/circuit breaker
mechanism.
Description
Typical applications
Ordering information
Internal connection diagram
Technical data
Dimensions
LOAD
LINE
Additional remote trip module
23.2
16.4
16
8.3
.645
.913
.327
.63
Electrical monitoring of safety systems, remote trip.
1-pole protected
hydraulic-magnetically
with additional
remote trip coil
line
1
2
-
+
FA
Voltage ratings
DC 12 V; DC 24 V; DC 48 V
Power consumption
approx. 40 W
Pulse operation
20 ms < t
ON < 100 ms/tOFF > 10 sec
(Continuous duty possible for multipole
devices upon request)
Typical life
10,000 operations at UN
Ambient temperature
-40...+85 °C (-40...+185 °F)
Insulation co-ordination
(IEC 60664)
2.5 kV/2 (EN 60934)
Dielectric strength
test voltage
between main circuit
and trip coil circuit
AC 3,000 V (EN 60934)
Insulation resistance
> 100 MΩ (DC 500 V)
Vibration
6 g (57-2000 Hz) ± 0.46 mm (10-57 Hz)
shock direction 1/2
4 g (57-2000 Hz) ± 0.30 mm (10-57 Hz)
shock direction 3/4
3 g (57-2000 Hz) ± 0.23 mm (10-57 Hz)
shock direction 5/6
to IEC 60068-2-6, test Fc
10 frequency cycles/axis
Shock
100 g (11 ms)
(not when mounted upside down)
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 8.5 g (without base unit)
Type No.
X8345 Module for type 8345
Module
F remote trip module
Assembly version
01 only in pole 1
02 only in pole 2
Remote trip version
X1 DC
Voltage rating
24 24 V
48 48 V
Terminal design
02 blade terminals DIN 4644-A2.8-0.5
M module mounted to circuit breaker
X8345 - F 01 X1 24 02 M ordering example
Voltage ratings and typical internal resistance values
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved. Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
Current rating (A)
Internal resistance (Ω)
DC 12 V
3.4
DC 24 V
13.9
DC 48 V
64.3
Preferred types remote trip module:
X8345-F-01-X1-24-02-M
X8345-F-01-X1-48-02-M
Preferred types


Similar Part No. - 8345-C12B-U0

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
8345-1032-SS RAF-8345-1032-SS Datasheet
102Kb / 1P
   OVAL INTERNAL THREAD HANDLE
More results

Similar Description - 8345-C12B-U0

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8330-F ETAL-8330-F Datasheet
326Kb / 6P
   Power supplies, process control, switchgear and controlgear
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
logo
General Cable Technolog...
C1676A GENERAL-C1676A Datasheet
58Kb / 1P
   COMMUNICATION AND CONTROL CABLE
C0562A GENERAL-C0562A Datasheet
60Kb / 1P
   COMMUNICATION AND CONTROL CABLE
C0552A GENERAL-C0552A Datasheet
60Kb / 1P
   COMMUNICATION AND CONTROL CABLE
C3115 GENERAL-C3115 Datasheet
58Kb / 1P
   COMMUNICATION AND CONTROL CABLE
logo
List of Unclassifed Man...
8690 ETC2-8690 Datasheet
101Kb / 3P
   Audio, Control and Instrumentation Cable
logo
ETAL Group
1180-01 ETAL-1180-01 Datasheet
278Kb / 4P
   Protection of loads in power distribution systems in control cabinets and process control
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
201 ETAL-201 Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com