Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603X106J8NALTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603X106J8NALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X106J8NALTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603X106J8NALTU Datasheet HTML 1Page - Kemet Corporation C0603X106J8NALTU Datasheet HTML 2Page - Kemet Corporation C0603X106J8NALTU Datasheet HTML 3Page - Kemet Corporation C0603X106J8NALTU Datasheet HTML 4Page - Kemet Corporation C0603X106J8NALTU Datasheet HTML 5Page - Kemet Corporation C0603X106J8NALTU Datasheet HTML 6Page - Kemet Corporation C0603X106J8NALTU Datasheet HTML 7Page - Kemet Corporation C0603X106J8NALTU Datasheet HTML 8Page - Kemet Corporation C0603X106J8NALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1008_X8L_150C_SMD • 2/29/2016
1
One world. One KEMET
Overview
KEMET’s X8L dielectric features a 150°C maximum operating
temperature and is considered “general purpose high
temperature.” These components are fixed, ceramic dielectric
capacitors suited for high temperature bypass and decoupling
applications or frequency discriminating circuits where Q and
stability of capacitance characteristics are not critical. X8L
exhibits a predictable change in capacitance with respect to time
and voltage and boasts a minimal change in capacitance with
reference to ambient temperature up to 125°C. Beyond 125°C
X8L displays a wider variation in capacitance. Capacitance
change is limited to ±15% from −55°C to +125°C and +15, -40%
from 125°C to 150°C.
Driven by the demand for a more robust and reliable
component, X8L dielectric capacitors were developed for critical
applications where reliability at higher operating temperatures
are a concern. These capacitors are widely used in automotive
circuits as well as general high temperature applications.
Concerned with flex cracks resulting from excessive tensile
and shear stresses produced during board flexure and thermal
cycling? These devices are available with KEMET's Flexible
termination technology which inhibits the transfer of board
stress to the rigid ceramic body, therefore mitigating flex cracks
which can result in low IR or short circuit failures. Although
flexible termination technology does not eliminate the potential
for mechanical damage that may propagate during extreme
environmental and handling conditions, it does provide superior
flex performance over standard termination systems.
In addition to commercial grade, automotive grade devices
are available and meet the demanding Automotive Electronics
Council's AEC–Q200 qualification requirements.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 150°C, X8L Dielectric, 10 – 50 VDC
(Commercial & Automotive Grade)
Ordering Information
C
1210
X
106
K
8
N
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series1
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Dielectric
Failure Rate/
Design
Termination Finish2 Packaging/Grade
(C-Spec)
0402
0603
0805
1206
1210
C = Standard
X = Flexible
Termination
Two
significant
digits +
number of
zeros
J = ±5%
K = ±10%
M = ±20%
8 = 10
3 = 25
5 = 50
N = X8L
A = N/A
C = 100% Matte Sn
L = SnPb (5% Pb
minimum)
See "Packaging
C-Spec Ordering
Options Table"
below
1
The flexible termination option is not available on EIA 0402 case size product. "C" must be used in the 6th character position when ordering this case size.
2
Additional termination finish options may be available. Contact KEMET for details.
2
SnPb termination finish option is not available on Automotive Grade product.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C0603X106J8NALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X106J8NAL KEMET-C0603X106J8NAL Datasheet
461Kb / 4P
   Surface Mount Ceramic Chip Capacitors X8L Dielectric
More results

Similar Description - C0603X106J8NALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com