Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6039429 Datasheet(PDF) 2 Page - SICK AG

Part # 6039429
Description  PRESSURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6039429 Datasheet(HTML) 2 Page - SICK AG

  6039429 Datasheet HTML 1Page - SICK AG 6039429 Datasheet HTML 2Page - SICK AG 6039429 Datasheet HTML 3Page - SICK AG 6039429 Datasheet HTML 4Page - SICK AG 6039429 Datasheet HTML 5Page - SICK AG 6039429 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PHT-RB010S540S0AFT0Z | PHT
PRESSURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
PHT-RB010S540S0AFT0Z
6039429
Other models and accessories
www.sick.com/PHT
Detailed technical data
Features
Medium
Liquid, gaseous
Pressure type
Gauge pressure
Measuring range
0 bar ... 10 bar
Process temperature
–20 °C ... +150 °C
Output signal
4 mA ... 20 mA
EHEDG approval
Performance
Non-linearity
≤ ± 0.2 %, of span (Best Fit Straight Line, BFSL) according to IEC 61298-2
Accuracy
≤ ± 0.5 % of the span optional 0.25 % of span (adjusted in vertical mounting position with low-
er pressure connection)
Non-repeatability
≤ ± 0.1 % of the span
Response time (10 % ... 90 %)
≤ 10 ms
Long-term drift/one-year stability
≤ 0.2 % of the span
Temperature coefficient in rated tempera-
ture range
Mean TC of zero: ≤ 0.2% of span / 10 K for measuring ranges 0 bar ... 0.6 bar up to 0 bar ...
25 bar, Mean TC of zero: ≤ 0.25 % of span/ 10 K with pressure range 0 bar ... 0.4 bar≤ 0.25 %
of span/ 10 K, with pressure range 0 bar ... 0.4 bar, Mean TC of zero: ≤ 0.4% of span / 10 K
for measuring range 0 bar ... 0.25 bar, Mean TC of span ≤ 0.2 % of span / 10 K
Rated temperature range
0 °C ... +80 °C
Mechanics/electronics
Process connection
Conical coupling (DIN 11851) DN 40 with union nut
Wetted parts
Stainless steel 1.4435
Internal transmission fluid
Synthetic oil, FDA approved
Housing material
Stainless steel 1.4571
Electrical connection
Field housing IP 67
Supply voltage
10 V DC ... 30 V DC
14 V DC ... 30 V DC with output signal 0 V ... 10 V
2
FLUID SENSORS | SICK
Online data sheet | 2017-01-16 15:56:27
Subject to change without notice


Similar Part No. - 6039429

ManufacturerPart #DatasheetDescription
logo
SICK AG
6039420 SICK-6039420 Datasheet
437Kb / 6P
   PRESSURE SENSORS
6039421 SICK-6039421 Datasheet
437Kb / 6P
   PRESSURE SENSORS
6039422 SICK-6039422 Datasheet
437Kb / 6P
   PRESSURE SENSORS
6039423 SICK-6039423 Datasheet
437Kb / 6P
   PRESSURE SENSORS
6039424 SICK-6039424 Datasheet
437Kb / 6P
   PRESSURE SENSORS
More results

Similar Description - 6039429

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com