Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

455888-3 Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # 455888-3
Description  Ocean side-feed applicators are available with either a mechanical feed, air feed, or servo feed system
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

455888-3 Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button 455888-3 Datasheet HTML 7Page - TE Connectivity Ltd 455888-3 Datasheet HTML 8Page - TE Connectivity Ltd 455888-3 Datasheet HTML 9Page - TE Connectivity Ltd 455888-3 Datasheet HTML 10Page - TE Connectivity Ltd 455888-3 Datasheet HTML 11Page - TE Connectivity Ltd 455888-3 Datasheet HTML 12Page - TE Connectivity Ltd 455888-3 Datasheet HTML 13Page - TE Connectivity Ltd 455888-3 Datasheet HTML 14Page - TE Connectivity Ltd 455888-3 Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
408-10390
Rev M1
11 of 18
b. Turn the adjustment screw counterclockwise to move the feed pawl away from the anvil and
clockwise to move the feed pawl toward the anvil. Position the terminal under the slug blade.
c. Tighten the lock screw to secure the fine feed adjustment screw.
9. Re-check the adjustment for the proper position and stroke as described in step 1. Repeat the
adjustment procedure as necessary.
Air Feed Applicator
The feed mechanism is actuated by compressed air. Refer to Figure 2.
DANGER
To avoid personal injury, this applicator should be used only in an appropriate terminating machine. The pressurized air supply
should only be connected after the applicator is properly installed in the terminating machine.
DANGER
Take extra precautions during adjustments. When the machine is manually cycled, the mechanism will move forward and
backward once during each machine stroke, unless the air is disconnected.
The feed stroke is adjustable in a range from 0 to 49.8 mm, depending on the air feed part number, in
stepped increments of 0.04 mm [.0016 in.] for the feed forward position and in 0.08-mm [.0031-in.]
increments for the rear feed pawl position (backstroke).
NOTE
For ease of adjustment, the end cap can be removed with a 3-
mm wrench, exposing the “tool-less” adjustment knobs
(recommended procedure). However, air feed module PN 2063440 can be adjusted with the end cap in place using a 3-mm
wrench or small screwdriver.
1. Mount the applicator onto the machine.
2. Insert the terminal strip until the lead terminal is located over the anvil.
3. Connect the air supply to the applicator.
4. Cycle the machine manually. The next terminal must now be located exactly over the anvil and the
slug blade must remove the connecting tab between the lead and second terminals
—without
deforming either terminal. If that is not the case, proceed with the following.
a. Release the strip guide drag, and manually move the strip to the proper position
—a rough-position
only. The fine adjustment will come in a later step.
b. Jog the machine down to the lower-dead-center position. The feed cylinder and pawl will be
retracted away from the anvil.
c. Using the backstroke adjustment knob (see Figure 2), position the feed pawl to the proper back
position, typically the end of the wire barrel (see Figure 9. If the end cap is in place, use a 3-mm
hex wrench or small screwdriver to reach through the end cap to rotate the feed adjustment knob.
The adjustments are in 0.08-mm [.003-in.] increments or 30 degrees and can be felt as clicks.
NOTE
To facilitate adjustments with certain machines or applications, the feed adjustments can also be made with the air pressure
removed. This allows more tactile feel of the detents. This requires manually moving the feed forward and back to check feed
positions. The air feed housing marking (shown in Figure 2) indicates the maximum backstroke travel of the feed arm. Make
sure that the feed forward and back positions are verified after restoring air pressure.
NOTE
If the pick-up point is the mating end of the terminal, the backstroke over-travel should be about equal to the distance between
the wire barrel and the mating end of the terminal (see Figure 1). For other types of terminals (for example, ring tongue), over-
travel should be about the same, depending on the terminal features and configurations (for example, stud hole).
d. Jog the machine to top-dead-center. The feed will move the next terminal over the anvil.
e. Check position of the terminal over the anvil, noting if the terminal feed-forward position should be
moved.
f. Cycle the machine manually until the feed pawl shifts back. This releases the air pressure on the
feed adjustment, making the adjustment detent positions easier to feel.


Similar Part No. - 455888-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
455888-3 TEC-455888-3 Datasheet
4Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
455888-3 TEC-455888-3 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
455888-3 TEC-455888-3 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
455888-3 TEC-455888-3 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
455888-3 TEC-455888-3 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results

Similar Description - 455888-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-10389 TEC-408-10389 Datasheet
880Kb / 19P
   Ocean Side-Feed Applicators
logo
Molex Electronics Ltd.
0638013501 MOLEX11-0638013501 Datasheet
33Kb / 1P
   Applicator Air Feed Assembly
638812000 MOLEX-638812000 Datasheet
211Kb / 7P
   Mechanical Feed Metal Strip Applicator
09-30-05
638325100 MOLEX-638325100 Datasheet
166Kb / 5P
   Mechanical Feed-Front Metal Strip
01-19-06
63881-0800 MOLEX-63881-0800 Datasheet
479Kb / 7P
   Mechanical Feed Metal Strip Applicator
05-16-12
63881-5700 MOLEX-63881-5700 Datasheet
279Kb / 7P
   Mechanical Feed Metal Strip Applicator
04-13-09
638810100 MOLEX-638810100 Datasheet
197Kb / 6P
   Mechanical Feed Metal Strip Applicator
09-30-05
638812200 MOLEX-638812200 Datasheet
195Kb / 6P
   Mechanical Feed Metal Strip Applicator
09-30-05
638325200 MOLEX-638325200 Datasheet
303Kb / 5P
   Mechanical Feed Metal Strip Applicator
07-24-17
638810200 MOLEX-638810200 Datasheet
210Kb / 7P
   Mechanical Feed Metal Strip Applicator
09-30-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com