Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLVR-L60D Datasheet(PDF) 3 Page - All Sensors Corporation

Part # DLVR-L60D
Description  DLVR Series Low Voltage Digital Pressure Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLVR-L60D Datasheet(HTML) 3 Page - All Sensors Corporation

  DLVR-L60D Datasheet HTML 1Page - All Sensors Corporation DLVR-L60D Datasheet HTML 2Page - All Sensors Corporation DLVR-L60D Datasheet HTML 3Page - All Sensors Corporation DLVR-L60D Datasheet HTML 4Page - All Sensors Corporation DLVR-L60D Datasheet HTML 5Page - All Sensors Corporation DLVR-L60D Datasheet HTML 6Page - All Sensors Corporation DLVR-L60D Datasheet HTML 7Page - All Sensors Corporation DLVR-L60D Datasheet HTML 8Page - All Sensors Corporation DLVR-L60D Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
All Sensors
DS-0300 Rev C
Page 3
Specification Notes
note
1: the spAn is the AlgeBrAic difference Between full scAle decimAl counts And the offset decimAl counts.
note
2: totAl error BAnd comprises of offset And spAn temperAture And cAliBrAtion errors, lineAritY And pressure hYsterisis errors, offset wArm-up shift,
offset position sensitiVitY And long term offset drift errors.
note
3: shift is relAtiVe to 25c.
note
4: shift is within the first hour of excitAtion Applied to the deVice.
note
5: pArAmeter is chArActeriZed And not 100% tested.
note
6: meAsured At one-hAlf full scAle rAted pressure using Best stAright line curVe fit.
note
7: temperAture output conVersion function:
DLVR Transfer Functions 
 
NOTE  1: Pressure Output Transfer Function: 
������������2�����2����������������
2�� ���������2�� 
Where, 
�������  Is the sensor 14 bit digital output. 
�����   Is the specified digital offset (gage = 1,638 and differential = 8,192) 
�������2��  Is the sensor Full Scale Span in inH2O (gage = Full Scale Pressure, differential = 2 
x Full Scale Pressure) 
 
 
NOTE 2: Temperature Output Transfer Function: 
������������������������ 2002�������0 
 
 
 
Parameter
Symbol
Min
Typ
Max
Units
Notes
Input High Level
-
80.0
-
100
% of Vs
5
Input Low Level
-
0
-
20.0
% of Vs
5
Output Low Level
-
-
-
10.0
% of Vs
5
I2C Pull-up Resistor
-
1000
-
-
5
I2C Load Capacitance on SDA, @ 400 kHz
CSDA
-
-
200
pF
5
I2C Input Capacitance (each pin)
CI2C_IN
-
-
10.0
pF
5
I2C / SPI Electrical Parameters for DLVR Series


Similar Part No. - DLVR-L60D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L60D ASC-DLVR-L60D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L60D ASC-DLVR-L60D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L60D ASC-DLVR-L60D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L60D ASC-DLVR-L60D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L60D ASC-DLVR-L60D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLVR-L60D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI5F ASC-DLVR-L01D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L10D-E1NS-C-NI5F ASC-DLVR-L10D-E1NS-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com