Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6035 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-6035
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6035 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-6035 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6035 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6035 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6035 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Assembled
9.98mm +
IC thickness
45.225mm
45.225mm
Recommended torque = 31 in lbs./
496 in oz.
A
A
1
5
8
6
3
Customer's Target PCB
Customer's
BGA IC
4
Top View
Side View
(Section AA)
2
7
9
11
10
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz BGA Socket - Direct mount, solderless
Features
Status: Released
Drawing: W. Watson
Scale: -
Rev: G
Date: 3/7/02
File: SG-BGA-3035 Dwg
SG-BGA-6035 Drawing
© 2009 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Ball guide prevents over compression of elastomer
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Easily removable swivel socket lid
Modified: 07/09/09, AE
PAGE 1 of 4
Socket Lid: Black anodized Aluminum.
Thickness = 2.5mm.
Socket base screw: Socket head cap, alloy steel with
black oxide finish, 0-80 fine thread , 12.7mm long.
1
Elastomer Guide: Cirlex or equivalent.
Thickness = 0.725mm.
Compression Plate: Black anodized Aluminum.
Thickness = 4.0mm.
Elastomer: 40 micron dia gold plated brass
filaments arranged symmetrically in a silicone
rubber (63.5 degree angle).
Thickness = 0.75mm.
Socket base: Black anodized Aluminum.
Thickness = 6.5mm.
Ball Guide: Kapton polyimide.
Socket lid screw: Shoulder screw, 18-8 SS, 0-80 fine
thread.
10
Insulation Plate: FR4/G10, Thickness = 1.59mm.
Compression screw: Clear anodized Aluminum.
Thickness = 5mm, Hex socket = 5mm.
2
3
4
5
7
9
6
8
11
Backing Plate: Black anodized Aluminum.
Thickness = 6.35mm.


Similar Part No. - SG-BGA-6035

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6030 IRONWOOD-SG-BGA-6030 Datasheet
83Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6031 IRONWOOD-SG-BGA-6031 Datasheet
137Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6032 IRONWOOD-SG-BGA-6032 Datasheet
112Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6034 IRONWOOD-SG-BGA-6034 Datasheet
52Kb / 3P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6035

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com