Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-0101 Datasheet(PDF) 3 Page - All Sensors Corporation

Part # DS-0101
Description  Miniature Amplifi ed Low Pressure Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DS-0101 Datasheet(HTML) 3 Page - All Sensors Corporation

  DS-0101 Datasheet HTML 1Page - All Sensors Corporation DS-0101 Datasheet HTML 2Page - All Sensors Corporation DS-0101 Datasheet HTML 3Page - All Sensors Corporation DS-0101 Datasheet HTML 4Page - All Sensors Corporation DS-0101 Datasheet HTML 5Page - All Sensors Corporation DS-0101 Datasheet HTML 6Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
All Sensors
DS-0101 Rev B
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (5°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Shift (5°C-50°C), note 2
Minimum
-
±1.90
2.15
-
-
-
-
-
-
Nominal
±1.0
±2.0
2.25
-
±10
±5
±10
0.05
-
Maximum
-
±2.10
2.35
±60
-
-
-
0.25
±2
Units
inH2O
V
V
mV
mV
mV
mV
%FSS
%FSS
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero pressure
Offset Temperature Shift (5°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Shift (5°C-50°C), note 2
Minimum
-
3.90
0.15
-
-
-
-
-
-
Nominal
1.0
4.0
0.25
-
±10
±5
±10
0.05
-
Maximum
-
4.10
0.35
±60
-
-
-
0.25
±2
Units
inH2O
V
V
mV
mV
mV
mV
%FSS
%FSS
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (5°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Shift (5°C-50°C), note 2
Minimum
-
±1.90
2.15
-
-
-
-
-
-
Nominal
±5.0
±2.0
2.25
-
±5
±5
±5
0.05
-
Maximum
-
±2.10
2.35
±40
-
-
-
0.25
±1
Units
inH2O
V
V
mV
mV
mV
mV
%FSS
%FSS
Performance Characteristics for 1 INCH-Dx-4V-MINI
Performance Characteristics for 1 INCH-G-4V-MINI
Performance Characteristics for 5 INCH-Dx-4V-MINI


Similar Part No. - DS-0101

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0102 ASC-DS-0102 Datasheet
122Kb / 6P
   MiniatureAmplifiedLowPressureSensors
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
DS-0106 ASC-DS-0106 Datasheet
125Kb / 4P
   MiniaturePressureSensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results

Similar Description - DS-0101

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCL0005 SENSORTECHNICS-HCL0005_16 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
HCL0005 SENSORTECHNICS-HCL0005 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
HCL0005D SENSORTECHNICS-HCL0005D Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
PSI-GF-HGRADE-MINI ASC-PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0110 ASC-DS-0110 Datasheet
664Kb / 5P
   Miniature Pressure Sensors
5PSI-D-CGRADE-MINI ASC-5PSI-D-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
5PSI-G-CGRADE-MINI ASC-5PSI-G-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com