Electronic Components Datasheet Search |
|
4230-T110-K0DU-20A Datasheet(PDF) 7 Page - ETAL Group |
|
4230-T110-K0DU-20A Datasheet(HTML) 7 Page - ETAL Group |
7 / 12 page www.e-t-a.de 7 Working current module X4230-FA for circuit breaker type 4230-T... 1638 1 Fault indicator module X4230-A for circuit breaker type 4230-T... Description Typical applications Mounting Add-on module for MCB type 4230-T. The working current module serves for remote trip of the MCB and for signalling whether the MCB was tripped electrically or manually. Electrical remote trip of safety equipment with simultaneous monitor- ing of MCB status or its connected load. The add-on module is mounted on the left side of the MCB (seen from the front). For mounting, the MCB has to be in the OFF position. When auxiliary contact module/fault indicator module and a working current module are mounted at the same time, the working current module always has to be mounted first. Order numbering code Type No. X4230 Add-on module for type 4230-T Module type F Working current module Style A Magnetic coil and auxiliary switch (changeover) physically isolated from the MCB terminals 1 screw terminals Approvals A without B UL 489 Delivery condition: L supplied separately, has to be mounted by the user Rated voltage Approval A B AC 120 V --- UL 489 AC 240 V without UL 489 AC 277 V --- UL 489 AC 415 V without --- DC 12 V --- UL 489 DC 24 V without UL 489 DC 48 V without UL 489 DC 125 V --- UL 489 X4230- F A 1 A L - AC 240 Vordering example Trip time < 10 ms Typical life 20,000 cycles Tightening torque 1 Nm max. Ambient temperature -35 °C...+ 70 °C Width 18 mm Mass approx. 60 g Technical Data Voltage ratings AC AC 415 V AC 277 V AC 240 V AC 120 V Min. trip voltage AC 200 V AC 160 V AC 160 V AC 80 V Power consumption min. response power 240 W 35 W 240 W 35 W 200 W 35 W 200 W 35 W Rated current of auxiliary contact 3 A 3 A 6 A 6 A Voltage ratings DC DC 125 V DC 48 V DC 24 V DC 12 V Min. trip voltage DC 80 V DC 24 V DC 16 V DC 8 V Power consumption min. response power 200 W 30 VA 200 W 30 VA 200 W 30 VA 200 W 30 VA Rated current of auxiliary contact 1.5 A 2 A 6 A 6 A Approval authority Standard Types UL UL 489 Approval type "B" according to ordering number code Approvals Mounting instructions Mounting to MCB to UL 489 The following steps have to be carried out for mounting the auxiliary contact module: - Remove the left-side covers for the latching notches of the working current module on both isolation pieces of the MCB, e.g. by means of a screw driver - Pull off the isolation pieces from the MCB to the front - Remove blanking plug on MCB to open left-side holes for latching notches of working current module - Re-insert isolation pieces onto MCB - Pull off left-side adhesive cover and carefully remove the perforated cover below Caution: the MCB to UL489 must only be operated with the insulation pieces fitted. Mounting principle 81 ± 0.5 45 ± 0.5 83 ± 0.5 18 max. 4230-T... X4230-FA Schematic diagrams L / + N / - 11 12 14 FA C2 C1 |
Similar Part No. - 4230-T110-K0DU-20A |
|
Similar Description - 4230-T110-K0DU-20A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |