Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6018 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-BGA-6018
Description  High speed, reliable Elastomer connection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6018 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-BGA-6018 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6018 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6018 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Status: Released
Drawing: E Smolentseva
Scale: 3:1
Rev: G
Date: 9/6/01
File: SG-BGA-6018 Dwg.mcd
SG-BGA-6018 Drawing
© 2009 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Modified: 6/26/09, AE
PAGE 2 of 3
Recommended PCB Layout Tolerances: ±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
NOTE: Steel backing plate may be required based on end user's application
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
Note: Full BGA pattern shown.
Please adjust pattern according
to individual requirements.
Socket
Body Size
Mounting Hole
Alignment Hole
Orientation Mark
Ø 1.61mm±0.05mm (x4)
Ø 0.85mm±0.025mm (x2)
Ø 0.36mmPAD
12.225mm±0.125mm (x4)
9.725mm (x4)
2.84mm*
2.46mm
1.25mm±0.125mm (x4)
1.25mm±0.125mm (x4)
0.8mm typ.
2mm
3mm
4.95mm


Similar Part No. - SG-BGA-6018

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6010 IRONWOOD-SG-BGA-6010 Datasheet
117Kb / 4P
   Directly mounts to target PCB (needs tooling holes) with hardware
SG-BGA-6011 IRONWOOD-SG-BGA-6011 Datasheet
97Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6012 IRONWOOD-SG-BGA-6012 Datasheet
101Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6013 IRONWOOD-SG-BGA-6013 Datasheet
104Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-6014 IRONWOOD-SG-BGA-6014 Datasheet
107Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-6018

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-5020 IRONWOOD-CG-BGA-5020 Datasheet
370Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-6406 IRONWOOD-SG-BGA-6406 Datasheet
522Kb / 5P
   High speed, reliable Elastomer connection
CG-QFN-7004 IRONWOOD-CG-QFN-7004 Datasheet
189Kb / 6P
   High speed, reliable Elastomer connection
SG-MLF-7075 IRONWOOD-SG-MLF-7075 Datasheet
271Kb / 4P
   High speed reliable elastomer connection
SG-BGA-6004 IRONWOOD-SG-BGA-6004 Datasheet
73Kb / 3P
   High speed, reliable Elastomer connection
SG-BGA-6013 IRONWOOD-SG-BGA-6013 Datasheet
104Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-7018 IRONWOOD-SG-BGA-7018 Datasheet
48Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-6019 IRONWOOD-SG-BGA-6019 Datasheet
53Kb / 3P
   High speed, reliable Elastomer connection
GT-BGA-2005 IRONWOOD-GT-BGA-2005 Datasheet
631Kb / 5P
   High speed reliable elastomer connection
SG-MLF-7086 IRONWOOD-SG-MLF-7086 Datasheet
267Kb / 4P
   High speed, reliable Elastomer connection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com