Electronic Components Datasheet Search |
|
4230-T110-K0DU-5A Datasheet(PDF) 9 Page - ETAL Group |
|
4230-T110-K0DU-5A Datasheet(HTML) 9 Page - ETAL Group |
9 / 12 page www.e-t-a.de 9 Accessories - Busbars for 4230-T... 1638 1 Accessories - Busbars for 4230-T... Busbars UL 489, cannot be cut to length 17.6 5 5x17.6 = 88 99 15.5 1.5 max. 1.5 74.2 48.5 16.1 48.2 16 13 7 3.6 Number of poles Number of modules part no. 1-pole 6 X4230-BU106P16A 1-pole 12 X4230-BU112P16A 1-pole 18 X4230-BU118P16A 2-pole 6 X4230-BU206P16A 2-pole 12 X4230-BU212P16A 2-pole 18 X4230-BU218P16A 3-pole 6 X4230-BU306P16A 3-pole 12 X4230-BU312P16A 3-pole 18 X4230-BU318P16A Busbars for the connection of circuit breakers type 4230-..U.. to UL489. Depending on busbar type suitable for up to 18 poles. Busbar cross section: 16 mm² Max. busbar current Is: 115 A Short circuit strength Icc: 10 kA Max. operating voltage: 480 V AC/DC Degree of protection: IP20 Step size: 17.6 mm Accessories for busbars UL489 that cannot be cut to length: supply terminal part no. X4230-FTU35 Cross-section 2.5-35 mm² (2–14 AWG), Tightening torque: 5.5 Nm (50 lbf.in) Ampacity: max. 115 A Accessories for busbars UL489 that cannot be cut to length: Terminal block part no. X4230-FBU50 Cross-section 1.5–50 mm² (1–14 AWG), solid/stranded 1.5-35 mm² (2–14 AWG), finely stranded with wire end ferrule: Tightening torque: supply: 3.5 Nm (35 lbf.in) output (track side): 2.5 Nm (22 lbf.in) Ampacity: max. 115 A Protection against brush contact part no. X4230-TC1 Approvals Approval authority Standard Types UL UL 489 X4230-BU... UL UL 508 X4230-BR… |
Similar Part No. - 4230-T110-K0DU-5A |
|
Similar Description - 4230-T110-K0DU-5A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |