Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

437-K12-5-07-SI2-FA Datasheet(PDF) 1 Page - ETAL Group

Part # 437-K12-5-07-SI2-FA
Description  Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

437-K12-5-07-SI2-FA Datasheet(HTML) 1 Page - ETAL Group

  437-K12-5-07-SI2-FA Datasheet HTML 1Page - ETAL Group 437-K12-5-07-SI2-FA Datasheet HTML 2Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Performance Thermal-Magnetic Circuit Breaker 437-...
www.e-t-a.de
1646
1
1
Type No.
437
single pole, toggle actuator
Terminal design
K12 flat screw terminals M10
K60 flat screw terminals DIN 46206, sheet 2, form 1, thread M10
Mounting
1
lugs
5
brackets
Characteristic curve
06 fast trip
07 delayed trip
Auxiliary contacts (blade terminals 6.3x08)
Si
one each N/O and N/C
Si01 one N/C (11/12), two N/O (13/14 + 23/24)
Si2 one N/O (13/14)
Remote trip (optional)
FA electrical remote disconnection
FC electrical remote disconnection (FA)
and re-connection (FE)
Coil voltage
12 DC 12 V
24 DC 24 V
Current ratings
40...240 A
Voltage ratings
(blank) ≤ DC 110 V
437 - K60 - 5 - 06 - Si01-FA 24 - 50A - ...
ordering example
The exact part number required can be built up from the table of choices shown
above. Ordering references for optional features should be omitted if not required.
Description
Typical applications
Technical data
Single pole high performance thermal-magnetic circuit breaker with
tease-free, trip-free, snap action mechanism and toggle actuation
(S-type TM CBE to EN 60934). Options include auxiliary contacts, a
moulded flame retardant enclosure for added environmental protection,
and remote operation - disconnection only, or disconnection and
re-connection. Also available in an IP65 housing (see type E-1032).
Battery and cable protection for all types of vehicles (including rail
vehicles and boats), battery powered systems.
437-...
Voltage rating
DC 144 V
(higher voltage ratings upon request)
Current rating range
40...240 A
(higher current ratings upon request)
Auxiliary contact rating
6 A max. at DC 28 V
0.2 A at DC 180 V
Electrical remote disconnection (-FA)
operating voltage
DC 12 V or DC 24 V
operating current
approx. 18 A or 12 A
max. pulse time
10 ms < tON < 20 ms / tOFF > 10 s
switching time
< 20 ms
Electrical remote re-connection (-FC)
operating voltage
DC 12 V or DC 24 V
operating current
approx. 30 A or 15 A
max. pulse time
0.1 s < tON < 1.2 s / tOFF > 60 s
switching time
< 100 ms
Typical life
3,000 operations at 240 A, DC 180 V
10,000 operations at 240 A, DC 28 V
20,000 operations mechanical
Ambient temperature
-40...+60 °C (-40...+140 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664 A)
withstand voltage
degree
6 kV
3
Dielectric strength
(IEC 60664 and 60664 A)
test voltage
operating area
AC 3,300 V
main to aux. circuit
AC 2,200 V
aux. circuits 11-12
to 13-14
AC 1,000 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
2,000 A at DC 180 V; L/R = 0 ms
10,000 A at DC 28 V; L/R = 0 ms
7,500 A at DC 28 V; L/R = 13 ms
Degree of protection
operating area IP40,
(IEC 60529/DIN 40050)
terminal area IP00
with enclusure B IP54
with enclosure C IP65
Vibration
curve 06: 3 g (60-500 Hz), ± 0.23 mm (10-60 Hz)
curve 07: 4 g (60-500 Hz), ± 0.30 mm (10-60 Hz)
to IEC 60068-2-6, test Fc,
10 frequency cycles/axis
Shock
curve 06: 20 g (11 ms), to IEC 60068-2-27, test Ea
curve 07: 25 g (11 ms), to IEC 60068-2-27, test Ea
Corrosion
48 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH,
to IEC 60068-2-3, test Ca
Mass
approx. 900 g base unit
+ approx. 400 g remote re-connection
+ approx. 100 g remote disconnection
Standard current ratings and typical internal resistance values
Ordering information
Current
rating (A)
Internal
resistance (Ω)
Current
rating (A)
Internal
resistance (Ω)
40
< 0.003
120
≤ 0.002
50
< 0.002
160
≤ 0.001
63
≤ 0.002
200
≤ 0.001
80
≤ 0.002
240
≤ 0.001
100
≤ 0.002


Similar Part No. - 437-K12-5-07-SI2-FA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
logo
Chicago Miniature Lamp,...
4370 CML-4370 Datasheet
24Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Schurter Inc.
4370 SCHURTER-4370 Datasheet
297Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Straight
logo
Visual Communications C...
4370 VCC-4370 Datasheet
84Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Ulti-Mate Connector Inc
437021351 ULTI-MATE-437021351 Datasheet
65Kb / 1P
   MICRO-D WIRED STRIP CONNECTOR, PLUG, SIZE 02 W/ GUIDE PIN HOLE SR02P1-26E5-12.0-HT
12-19-14
More results

Similar Description - 437-K12-5-07-SI2-FA

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1073 ETAL-E-1073 Datasheet
268Kb / 6P
   Battery and cable protection for all types of vehicle (including electric), battery powered systems.
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
482-G ETAL-482-G Datasheet
261Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
446-K ETAL-446-K Datasheet
174Kb / 2P
   Heavy duty vehicles, battery systems, process control
logo
AVX Corporation
FHC16I2637 AVX-FHC16I2637 Datasheet
390Kb / 7P
   Hybrid Vehicles and Electric Vehicles Capacitors
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com