Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4120-G211-J1M1 Datasheet(PDF) 1 Page - ETAL Group

Part # 4120-G211-J1M1
Description  Extra low voltage wiring systems on all types of vehicles for land sea and air
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

4120-G211-J1M1 Datasheet(HTML) 1 Page - ETAL Group

  4120-G211-J1M1 Datasheet HTML 1Page - ETAL Group 4120-G211-J1M1 Datasheet HTML 2Page - ETAL Group 4120-G211-J1M1 Datasheet HTML 3Page - ETAL Group 4120-G211-J1M1 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Performance Thermal Circuit Breaker 4120-...
www.e-t-a.de
1646
1
1
Description
Typical applications
Ordering information
Technical data
Single pole, miniaturised thermal circuit breaker with trip-free mechanism
and push/pull on/off manual actuation (M-type TO CBE to EN 60934).
Threadneck panel mounted, temperature-compensated, with optional
auxiliary contacts. Fully approved for commercial aircraft and similar
requirements.
Various dummies are available without protective function, allowing
connection of pre-installed wiring without loads.
US patent number: US 6,490,141 B2 (4120-G4 moulded threadneck)
Extra low voltage wiring systems on all types of vehicles for land,
sea and air.
4120-...
Type No.
4120 single pole, with temperature compensation
Mounting
G threadneck panel mounting
Threadneck design
1 M12x1x6.3 (aluminium)
2 7/16-32 UNx6.3 (aluminium)
Number of poles
1 1-pole, thermally protected
Hardware for threadneck
0
without hardware
1
hex nut M12x1, corrugated washer 12/15, fitted
3
hex nut M12x1 (aluminium),
serrated lock washer 12.1/17.2, bulk shipped
4
hex nut 7/16-32UN (aluminium),
serrated lock washer 11.3/14.9, fitted
Terminal design (main terminals)
K1 screw terminals with metric thread K14 (M4)
J1 screw terminals with inch thread J14 (8-32UNC-2B)
J2 screw terminals with inch thread J17 (8-32UNC-2B)
J3 screw terminals with inch thread J25 (6-32UNC-2B)
P1 blade terminals 6.3x0.8, DIN 46244, silver-plated
Characteristic curve
M1 thermal, 1.15 - 1.4 IN
Terminal screws
A Phillips screw M4x6, fitted
B Phillips screw 8-32UNC-2Ax6, fitted
C Phillips screw 6-32UNC-2Ax6 (MS 51957-26)
K hex screw with Phillips head 8-32UNC-3Ax7.6, fitted
M hex screw with Phillips head 8-32UNC-
3Ax7.6, bulk shipped
Z without terminal hardware
Terminal washers
0 without lock washer
1 wave washer A4, fitted
2 lock washer 4.3, fitted
4 lock washer 3.7 (MS 35338-136)
5 lock washer 4.3/9, fitted
6 lock washer 4.3/9, bulk shipped
Auxiliary contact
S0 without auxiliary contact
S1 with auxiliary contact (connector
EN 3155-016M2018) (NC)
S5 with polarized auxiliary contact (NC)
Barrier
Z without barrier
Colour of the push button
G green to EN (e. g. 2 1/2)
N black to EN (e. g. 2 1/2)
Current ratings
1...25 A
4120 - G 1 1 1 - K1 M1 - A 1 S0 Z N - 10 A
ordering example
Voltage rating
AC 115 V (300 Hz to 800 Hz); DC 28 V
Current rating range
1...25 A (0.5 A upon request)
Auxiliary circuit
1 A, DC 28 V (0.5 A upon request)
Typical life
20,000 operations mechanical, or
5,000 operations at 1 x IN
Ambient temperature
-55°C ...+125°C (-67...+257 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664A)
withstand voltage
degree
1.5 kV
3
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 1,500 V
main to aux. circuit
AC 1,500 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
AC 115 V (400 Hz): 1...4 A
1,000 A
5...25 A
2,000 A
DC 28 V:
1...25 A
6,000 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
10 g (57-2000 Hz), ± 0.76 mm (5-57 Hz)
(sinusoidal)
to ISO 7137, EN 2350 para. 5.3.1
Vibration
1...2.5 A: 0.04 g2/Hz ± 1,5 dB; 7.3 g eff
3...20 A: 0.06 g2/Hz ± 1,5 dB; 9 g eff
to ISO 7137, EN 2350 para. 5.3.1
Acceleration
17 g, to ISO 2669, EN 2350 para. 5.3.3
Shock
50 g (11 ms), to ISO 7137,
EN 2350 para. 5.3.2
Corrosion
48 hours at 5 % salt mist
to ISO 7137, EN 2350 para. 5.4.2
Humidity
240 hours at 95 % RH,
to ISO 7137, EN 2350 para. 5.4.3
Explosion
to VG 95210, sheet 10
Altitude
≤ 22,000 m above sea level
Mass
approx. 20.6 g with terminal screws,
without -Si
approx. 24.6 g with terminal screws,
with -Si
Preferred types
Standard current ratings (A)
1
2
3
5 7.5 10 15 20 25
4120-G214-J1M1-B2S0ZN
(MS3320)
x
x
x
x
x
x
x
x
x
4120-G111-K1M1-A1S0ZN
(EN 2495/VG93345 T06)
x
x
x
x
x
x
x
x
x
Preferred types


Similar Part No. - 4120-G211-J1M1

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
4120-1110-10-B 3M-4120-1110-10-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
4120-1110-30-B 3M-4120-1110-30-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
More results

Similar Description - 4120-G211-J1M1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
482-G ETAL-482-G Datasheet
261Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
   Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com