Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9150 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9150
Description  Excellent display resolution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9150 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9150 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9150 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
www.bkprecision.com
Single Output Programmable DC Power Supplies
Models 9150, 9151, 9152 & 9153
User accessible fuse
Temperature controlled
cooling fan
Serial interface connector for RS232 or
USB communication
Remote Sense and digital
port functionality
Remote Interface
The power supplies can be remotely controlled
from any PC through a USB (virtual com)
interface, allowing the user to program and
monitor all parameters through easy to use SCPI
commands. The power supplies come with a USB
to TTL serial converter. The average command
processing time is 35 ms.
Rear panel
L
Extra Features
The 9150 series’ digital port offers a variety of
configurations. The port provides Digital Input,
external Trigger and Remote Inhibit (RI)
functionality.
The RI mode can be used for turning several
power supplies On/Off simultaneously. External
triggering can be used in combination with List
mode.
v042616
Specifications
9150
9151
9152
9153
Output ratings
( 0 °C~40 °C)
0 - 5.2 V
0 - 60 A
0 - 20 V
0 - 27 A
0 - 30 V
0 - 18 A
0 - 60 V
0 - 9 A
Load regulation
±(% of output+offset)
<0.01% + 2 mV
<0.1% + 10 mA
<0.01% + 1 mV
<0.1% + 5 mA
<0.01% + 1 mV
<0.1% + 2 mA
Line regulation
±(% of output+offset)
<0.02% + 0.1 mV
<0.1% + 1 mA
<0.02% + 1 mV
<0.01% + 1 mA
<0.02% + 1 mV
<0.01% + 0.1 mA
Programming resolution
0.1 mV
1 mA
1 mV
1 mA
1 mV
0.1 mA
Readback/meter resolution
0.1 mV
1 mA
0.1 mV
0.1 mA
0.1 mV
0.1 mA
Front panel
setting resolution
0.1 mV
1 mA
0.5 mV
1 mA
0.5 mV
1 mA
Programming accuracy
12 months (25 °C ± 5 °C) ±(% of output+offset)
<0.02%+2 mV
<0.1%+30 mA
<0.02%+6 mV
<0.1%+15 mA
<0.02%+12 mV
<0.05%+10 mA
Readback/ meter accuracy
12 months (25 °C ± 5 °C) ±(% of output+offset)
<0.02%+1.5 mV
<0.05%+15 mA
<0.02%+3 mV
<0.05%+10 mA
<0.02%+6 mV
<0.05%+5 mA
Ripple & noise
(20 Hz ~20 MHz)
≤4 mVp-p
15 mArms
≤4 mVp-p
5 mArms
≤5 mVp-p
3 mArms
Temperature coefficient,
(0 °C~40 °C) ±(% of output+offset)
<0.02%+2 mV
<0.1%+30 mA
<0.02%+5 mV
<0.1%+15 mA
<0.02%+10 mV
<0.05%+5 mA
Readback temperature coefficient,
±(% of output+offset)
<0.02%+2 mV
<0.1%+20 mA
<0.02%+5 mV
≤0.05%+10 mA
<0.02%+10 mV
≤0.05%+5 mA
Transient response (for a change from 0 to
50% of maximum rated current)
100 µs for output to
recover to within 75 mV
120 µs for output to
recover to within 75 mV
100 µs for output to
recover to within 50 mV
50 µs for output to
recover to within 50 mV
DVM accuracy
0~12V range: 0.02%+2mV
0~40V range: 0.02%+3mV
DVM resolution
0~12V range: 0.1mV
0~40V range: 1mV
Milliohm meter accuracy
0.1% (for voltage and current
≥10% of full scale)
0.3% (for voltage and current
≥3% of full scale)
AC input
115 V/220 VAC ± 10%, 47 to 63 Hz
Weight
63.9 lbs, (29 kg)
Dimensions (W x H x D)
16.88” x 3.47” x 18.06” (429 x 88 x 459 mm)
Three-Year Warranty
Standard accessories
User manual, power cord, USB to TTL serial converter, application software installation disk, and certificate of calibration
Optional accessories
IT-E151 rack mount kit


Similar Part No. - 9150

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
91500-1 MACOM-91500-1 Datasheet
4Mb / 8P
   Premium CERTI-CRIMP II Hand Tools
logo
List of Unclassifed Man...
915000 ETC2-915000 Datasheet
17Kb / 1P
   Security Cable Slot lock
logo
Altech corporation
91501 ALTECH-91501 Datasheet
221Kb / 4P
   KU4000 Enclosure Series
logo
Meder Electronic
9150100022 MEDER-9150100022 Datasheet
98Kb / 3P
   Reed Switch
logo
Altech corporation
91502 ALTECH-91502 Datasheet
221Kb / 4P
   KU4000 Enclosure Series
More results

Similar Description - 9150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
   HIGH-RESOLUTION DISPLAY CONTROLLER
logo
Toshiba Semiconductor
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
   HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
logo
Sanyo Semicon Device
LA7857 SANYO-LA7857 Datasheet
184Kb / 8P
   Very High Resolution CRT Display Synchronization?
logo
Sony Corporation
CXA2066S SONY-CXA2066S Datasheet
196Kb / 21P
   Preamplifier for High Resolution Computer Display
logo
Sanyo Semicon Device
LA7855 SANYO-LA7855 Datasheet
182Kb / 8P
   Very High Resolution CRT Display Synchronization
logo
Sony Corporation
CXA2153S SONY-CXA2153S Datasheet
187Kb / 24P
   Preamplifier for High Resolution Computer Display
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
   Preamplifier for High Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
logo
List of Unclassifed Man...
2831E ETC2-2831E Datasheet
2Mb / 5P
   Up to 50,000 count display resolution
logo
Sony Corporation
CXA2067AS SONY-CXA2067AS Datasheet
211Kb / 18P
   Preamplifier for High-Resolution Computer Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com