Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4140-G Datasheet(PDF) 3 Page - ETAL Group

Part No. 4140-G
Description  Land vehicles, aircraft, watercraft, special vehicles.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

4140-G Datasheet(HTML) 3 Page - ETAL Group

  4140-G Datasheet HTML 1Page - ETAL Group 4140-G Datasheet HTML 2Page - ETAL Group 4140-G Datasheet HTML 3Page - ETAL Group 4140-G Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Performance Thermal Circuit Breaker 4140-...
www.e-t-a.de
1646
3
1
High Performance Thermal Circuit Breaker 4140-...
2
line 1
2
line 1
12
11
2
line 1
5
3
with auxiliary contact
with polarized auxiliary contact
Internal connection diagrams
Typical time/current characteristics
+90 °C
+194 °F
+23 °C
+73.4 °F
-55 °C
-67 °F
12
46 810
20
40
… times rated current
10000
1000
100
10
1
0.1
0.01
0.001
6080100
0.8
Actuator extension (black) to be fitted on the push button
X 200 803 01 (approved to VG 95345, part 23)
ø20
ø.787
Identification collar to be snapped on the push button
Y 307 004 01 black
Y 307 004 02 white
Y 307 004 03 red
Y 307 004 04 green
Y 307 004 05 blue
ø6.85
ø12.35
ø14
.270
.551
.486
0.65
.026
Splash cover/hex nut assembly with O ring (IP66 and IP67)
X 200 801 15 black anodised nut M12x0.75x6, black cover
Splash cover/hex nut assembly with O ring (IP66 and IP67)
X 200 801 16 black anodised nut 7/16-32UNx6, black cover
M12x0,75
Splash cover/hex nut assembly with O ring (IP66 and IP67)
X 200 801 18 black anodised nut M12x0.75x6,
transparent cover
Splash cover/hex nut assembly with O ring (IP66 and IP67)
X 200 801 17 black anodised nut 7/16-32UNx6,
transparent cover
or 7/16-32UN
Accessories
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 4140-G

ManufacturerPart No.DatasheetDescription
Visual Communications Company
Visual Communications C...
4140 VCC-4140 Datasheet
75Kb / 1P
   Relampable Socket
Tyco Electronics
Tyco Electronics
414002-1 MACOM-414002-1 Datasheet
503Kb / 17P
   RF Coax Connectors
414002-2 MACOM-414002-2 Datasheet
503Kb / 17P
   RF Coax Connectors
414002-3 MACOM-414002-3 Datasheet
503Kb / 17P
   RF Coax Connectors
414002-4 MACOM-414002-4 Datasheet
503Kb / 17P
   RF Coax Connectors
More results

Similar Description - 4140-G

ManufacturerPart No.DatasheetDescription
ETAL Group
ETAL Group
5140-G ETAL-5140-G Datasheet
236Kb / 4P
   Land vehicles, aircraft, watercraft, special vehicles
AVX Corporation
AVX Corporation
FHC16I2637 AVX-FHC16I2637 Datasheet
390Kb / 7P
   Hybrid Vehicles and Electric Vehicles Capacitors
CSB Battery Co., Ltd.
CSB Battery Co., Ltd.
EVX12650 CSB-BATTERY-EVX12650 Datasheet
531Kb / 2P
   designed specially for electric vehicles
EVH12390 CSB-BATTERY-EVH12390 Datasheet
534Kb / 2P
   designed specially for electric vehicles
EVX12120 CSB-BATTERY-EVX12120 Datasheet
509Kb / 2P
   designed specially for electric vehicles
EVX12340 CSB-BATTERY-EVX12340 Datasheet
518Kb / 2P
   designed specially for electric vehicles
EVX12400 CSB-BATTERY-EVX12400 Datasheet
513Kb / 2P
   designed specially for electric vehicles
EVH12140 CSB-BATTERY-EVH12140 Datasheet
535Kb / 2P
   designed specially for electric vehicles
EVX121000 CSB-BATTERY-EVX121000 Datasheet
533Kb / 2P
   designed specially for electric vehicles
EVX12520 CSB-BATTERY-EVX12520_16 Datasheet
827Kb / 2P
   Designed specially for electric vehicles
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz