Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4120-G110-K1M1 Datasheet(PDF) 2 Page - ETAL Group

Part # 4120-G110-K1M1
Description  Extra low voltage wiring systems on all types of vehicles for land sea and air
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

4120-G110-K1M1 Datasheet(HTML) 2 Page - ETAL Group

  4120-G110-K1M1 Datasheet HTML 1Page - ETAL Group 4120-G110-K1M1 Datasheet HTML 2Page - ETAL Group 4120-G110-K1M1 Datasheet HTML 3Page - ETAL Group 4120-G110-K1M1 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Performance Thermal Circuit Breaker 4120-...
www.e-t-a.de
1646
2
1
Dimensions 4120-G1..
4120-G11.-J2M1-K5S0ZN (EN2495-…U, EN3773-004 D…)
4120-G111-K1M1-A1S0ZN (EN2495-…M) (VG95345 T06)
45°
type No.
green
45°
4120-G112-J2M1-K5S1ZG - 4120-G112-J2M1-K5S5ZG
(EN2995-004)
(EN2995-005)
18
1
M12x1
tightening torque max. 5 Nm
ø10
ø8.4
white
serrated lock
washer
10.5
.709
.331
.394
.413
1
2
min. 8
25°
4
3
min .315
M12x1
12.8
45°
45°
tightening torque max. 5 Nm
1
2
ø10
ø8.4
black
white
lock washer
8.5
5
type No.
terminals:
1 - input
2 - output
terminal screw ISO 7045-M4x6
with lock washer DIN 137-B4
tightening torque max. 1.7 Nm
.504
.331
.394
.197
.335
9.5
0.8
19.5
location pin
current rating in A
.031
.374
.768
SW14
.55
1
terminal screw H8-32UNC-3Ax7.6
to FED-STD-H28/2A
with lock washer
tightening torque max. 1.7 Nm
type No.
black
45°
18
1
2
M12x1
45°
tightening torque max. 5 Nm
ø10
ø8.4
white
serrated lock
washer
10.5
.709
.331
.394
.413
SW14
19.5
9.5
0.8
location pin
current rating in A
.031
.374
.768
.551
aux. contact
(connector to
EN 3155-016
M2018)
SW14
19.5
9.5
0.8
location pin
current rating in A
.031
.374
.768
.55
1
max. 6.5
max .256
terminal screw H8-32UNC-3Ax7.6
to FED-STD-H28/2A
with lock washer
tightening torque max. 1.7 Nm
.413
terminals:
1 - input
2 - output
terminals:
1 - input
2 - output
Approvals (configurations)
Standard current ratings and typical volt drop values
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Dimensions 4120-...
7/16-32-UN-2A THD
12.8
45°
45°
tightening torque max. 5 Nm
1
2
ø10
ø8.4
black
white
serrated
lock washer
8.5
5
type No.
terminals:
1 - input
2 - output
terminal screw MS 51957-41 (8-32 UNC-2A)
with lock washer MS 35338-137
tightening torque max. 1.7 Nm
4120-G214-J1M1-B2S0ZN (MS 3320)
.504
.331
.394
.197
.335
9.5
0.8
19.5
location pin
current rating in A
.031
.374
.768
Current
rating (A)
Volt drop
(mV)
Current
rating (A)
Volt drop
(mV)
1
1100
7.5
250
2
550
10
230
2.5
460
15
200
3
440
20
190
4
380
25
190
5
260
Authority Standard
Voltage ratings
Current ratings
UL
UL 1077
DC 50 V
0.5 A…25 A
Bw
VG 95345,
part 6
AC 115 V, 400 Hz
DC 28 V
1 A…25 A
1 A…25 A
Bw
EN 2495-…U /
-…M
AC 115 V, 400 Hz
DC 28 V
1 A…25 A
1 A…25 A
Bw
LN 29887
AC 115 V, 400 Hz
DC 28 V
5 A…25 A
5 A…25 A
Bw
EN 3773-004
AC 115 V, 400 Hz
DC 28 V
1 A…25 A
1 A…25 A
Dep. of
the Navy
MS 3320
AC 115 V, 400 Hz
DC 28 V
1 A…20 A
1 A…20 A
Airbus
EN 2995-004
AC 115 V, 400 Hz
DC 28 V
1 A…25 A
1 A…25 A
Airbus
EN 2995-005
AC 115 V, 400 Hz
DC 28 V
1 A…25 A
1 A…25 A


Similar Part No. - 4120-G110-K1M1

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
4120-1110-10-B 3M-4120-1110-10-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
4120-1110-30-B 3M-4120-1110-30-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
More results

Similar Description - 4120-G110-K1M1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
482-G ETAL-482-G Datasheet
261Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
   Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com