Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2210-S221-P1M3-Z1 Datasheet(PDF) 5 Page - ETAL Group

Part # 2210-S221-P1M3-Z1
Description  Process control equipment, robotics, machine tool control, communicationssystems, instrumentation, rail vehicles. Special versions, e.g. for aggressive environmental conditions and low voltages (e. g. 5 V) on request
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2210-S221-P1M3-Z1 Datasheet(HTML) 5 Page - ETAL Group

  2210-S221-P1M3-Z1 Datasheet HTML 1Page - ETAL Group 2210-S221-P1M3-Z1 Datasheet HTML 2Page - ETAL Group 2210-S221-P1M3-Z1 Datasheet HTML 3Page - ETAL Group 2210-S221-P1M3-Z1 Datasheet HTML 4Page - ETAL Group 2210-S221-P1M3-Z1 Datasheet HTML 5Page - ETAL Group 2210-S221-P1M3-Z1 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Thermal-Magnetic Circuit Breaker 2210-S2...
www.e-t-a.de
1646
5
1
Thermal-Magnetic Circuit Breaker 2210-S2...
Accessories
insulation to
DIN 4102-B2
translucent
Outer dimensions of female
connectors to
6.3-1 DIN 46247 Ms-gal Sn
max. 16 A
71 ± 1.5
blade terminal
DIN 46244 A6.3-0.8
(QC .250), max. 25 A
25
12.5
2.79 ± .060
.984
.492
busbar
max. 50 A
retaining
clip
22.2
21
10
2
max. 30
6
7.4
4.4
25
12.5
4.4
7.4
12.5
6.25
50
75
12.5
polarized blade terminals
DIN 46244-A6.3-0.8 (QC .250)
polarized
recess
.173
.291
.492
.984
.291
.173
.394
.827
.874
.079
.236
max. 1.18
.492
1.97
2.95
.492
.246
slot for fitting labels from
Phoenix, Weidmüller, Wieland
slot for busbar
module
right-side terminal block
left-side terminal block
2.48
4.53
.984
.236
.984
1.46
Module 17plus
For technical data see section Power Distribution Systems
2-way
mounting socket
6-way mounting socket
23-P10-Si
63-P10-Si
(up to 16 A max. load)
(retaining clip Y 302 974 01 available on request)
Bus bar 50 A, 6-way, for type 63-P10-Si socket
X 221 760 11
17 plus
63
symmetrical rail
EN 50022-35x7.5
G-profile
EN 50035-G32
115
6
25
25
37
9
5.4
125
.213
.354
4.92
cylinder head screw washer
M4x4 ISO1207
nickel plated
A 4.3 DIN 125
nickel plated
female
connector
Phoenix terminal AKG 35
max.cross section 35 mm2 (AWG 2)
M4
12.8
7
154.8
pressure-relief joint
(1.1 mm (.043 in.)
thick constriction)
Cu rail, tin-plated
.504
.276
6.09
insulation to
DIN 4102-B2
translucent
Outer dimensions of female
connectors to
6.3-1 DIN 46247 Ms-gal Sn
max. 16 A
blade terminal
DIN 46244 A6.3-0.8
(QC .250), max. 25 A
25
12.5
busbar
max. 50 A
.984
.492
blade terminal DIN 46244 part 2
C profile (2xA2.8-0.8) (QC 2x.110)
depth
10 mm
(.394 in.)
adapter X20040901
symmetrical rail
EN 50022-35x7.5
polarization recess
G-profile
EN 50035-G32
80
10
12.5
retaining clip
1
11
23
2(k)
12
24
2(i)
1
11
23
2(k)
12
24
2(i)
3.15
.492
.394
polarized blade terminal
DIN 46244-A6.3-0.8 (QC .250)
slot for fitting labels from
Phoenix, Weidmüller
6.3
-P10
2.8
-P70
.248
.110
Single mounting sockets
(up to 16 A max. load)
(with adapter)
17-P10-Si
17-P10-Si-20025
17-P70-Si
17-P70-Si-20025
(retaining clip Y 302 974 21 available on request)
Bus bar (10-way) (supplied as a complete package)
for type 17 socket
(for max. 100 A continuous load),
more positions available on request
X 211 157 01 with terminal
X 211 157 02 without terminal
Bus bar 50 A (6-way) for type 17-P10-Si socket
X 221 760 01
Insulating sleeving for bus bar (10-way)
Y 303 824 01
71 ± 1.5
2.79 ± .060
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 2210-S221-P1M3-Z1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-005 ETC2-2210-005 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-010 ETC2-2210-010 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-025 ETC2-2210-025 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-050 ETC2-2210-050 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
More results

Similar Description - 2210-S221-P1M3-Z1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
   Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
logo
Pepperl+Fuchs Inc.
DA6-IU-2K-C PF-DA6-IU-2K-C Datasheet
739Kb / 3P
   Process control and indication equipment
DA6-IU-2K-V PF-DA6-IU-2K-V Datasheet
739Kb / 3P
   Process control and indication equipment
logo
ETAL Group
446-K ETAL-446-K Datasheet
174Kb / 2P
   Heavy duty vehicles, battery systems, process control
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
logo
Schurter Inc.
0888.0221 SCHURTER-0888.0221 Datasheet
215Kb / 3P
   custom specific versions on request
logo
ETAL Group
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
   Surge protection for instrumentation and control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com