Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2216-S120-P1M1S110 Datasheet(PDF) 4 Page - ETAL Group

Part # 2216-S120-P1M1S110
Description  Protection of AC and DC control circuits in industrial automation applications and buildings, e.g. in the chemical industry, power plants, steel industry and machine construction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2216-S120-P1M1S110 Datasheet(HTML) 4 Page - ETAL Group

  2216-S120-P1M1S110 Datasheet HTML 1Page - ETAL Group 2216-S120-P1M1S110 Datasheet HTML 2Page - ETAL Group 2216-S120-P1M1S110 Datasheet HTML 3Page - ETAL Group 2216-S120-P1M1S110 Datasheet HTML 4Page - ETAL Group 2216-S120-P1M1S110 Datasheet HTML 5Page - ETAL Group 2216-S120-P1M1S110 Datasheet HTML 6Page - ETAL Group 2216-S120-P1M1S110 Datasheet HTML 7Page - ETAL Group 2216-S120-P1M1S110 Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.e-t-a.de
4
2216-S... - Accessories/Socket 80plus
1646
1
Description
Dimensions
Cable cross section
Line connection
90
3.54
12.3
.484
12 (b)
1
14 (c)
2.1
2.2
11 (a)
Single pole, with PT connection technology, to accommodate 1- or
2-pole circuit breakers type 2216-S
Part number: 80PLUS-PT01
l
Push-in design: push the stripped wire (cross section ≥ 0.25 mm2,
rigid or with wire end ferrule) into the round hole of the terminal
without using a tool
l
For smaller cable cross sections or flexible wires without wire end
ferrule you have to push in the orange push button to open the
spring.
l
For release push in the orange push button with a screw driver.
1
Supply
2.1 / 2.2
Power distribution
11 (a)
Change-over contact
14 (c)
12 (c)
14 12
11
Cross section when opening the
push-in terminal
Cable cross section directly pluggable
stripped wire
length
terminal 1
(line)
- rigid:
- flexible:
- flexible with wire end ferrule:
(with plastic sleeve)
- flexible with wire end ferrule:
(without plastic sleeve)
- flexible with TWIN-wire end
ferrule
0.5…6 mm2
0.5…6 mm2
0.5…6 mm2
(10 mm2)
0.5…6 mm2
0.5…1 mm2
- rigid
- flexible with wire end ferrule:
(with plastic sleeve)
- flexible with wire end ferrule:
(without plastic sleeve)
1…6 mm2
0.5…6 mm2
(10 mm2)
0.5…6 mm2
12 mm
terminals
2.1 and 2.2
(load)
- rigid:
- flexible:
- flexible with wire end ferrule:
(with plastic sleeve)
- flexible with wire end ferrule:
(without plastic sleeve)
- flexible with TWIN-wire end
ferrule:
0.2…6 mm2
0.2…4 mm2
0.25…4 mm2
0.25…4 mm2
0.5…1 mm2
- rigid:
- flexible with wire end ferrule:
(with plastic sleeve)
- flexible with wire end ferrule:
(without plastic sleeve)
0.5…6 mm2
0.75…4 mm2
0.5…4 mm2
12 mm
terminals
11, 12 and
14
(signalling)
- rigid:
- flexible:
- flexible with wire end ferrule:
(with plastic housing)
- flexible with wire end ferrule:
(without plastic sleeve)
0.14…1.5 mm2
0.14…1.5 mm2
0.14…1.5 mm2
0.14…1 mm2
- rigid:
- flexible with wire end ferrule:
(with plastic housing)
- flexible with wire end ferrule:
(without plastic sleeve)
0.25…1.5 mm2
0.34…1.5 mm2
0.34…1 mm2
8 mm


Similar Part No. - 2216-S120-P1M1S110

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2216-S1-A-X TEC-2216-S1-A-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-B-X TEC-2216-S1-B-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-C-X TEC-2216-S1-C-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-D-X TEC-2216-S1-D-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-E-X TEC-2216-S1-E-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
More results

Similar Description - 2216-S120-P1M1S110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
Endress+Hauser Group Se...
CPA871 EH-CPA871 Datasheet
792Kb / 24P
   Flexible retractable process assembly for water, wastewater, chemical industry and heavy industry
2022-09-02
logo
Omron Electronics LLC
E3X-NA11 OMRON-E3X-NA11 Datasheet
2Mb / 20P
   The Highest Level of Power and Precision in the Industry with ?쏥IGA RAY??Giga Power Lighting Element
logo
Endress+Hauser Group Se...
CPS341D EH-CPS341D Datasheet
530Kb / 12P
   pH sensor for use in the pharmaceutical industry and food production
2022-11-21
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
ETAL Group
1180-01 ETAL-1180-01 Datasheet
278Kb / 4P
   Protection of loads in power distribution systems in control cabinets and process control
logo
Endress+Hauser Group Se...
CPS61E EH-CPS61E Datasheet
508Kb / 12P
   pH sensor for bioreactors in life sciences and for the food industry
2021-10-08
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
International Rectifier
CHL8203 IRF-CHL8203 Datasheet
273Kb / 2P
   Digital Multi-Phase Buck Controller Easiest layout and fewest pins in the industry
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com