Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

413-K14-LN2-35A Datasheet(PDF) 1 Page - ETAL Group

Part # 413-K14-LN2-35A
Description  Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

413-K14-LN2-35A Datasheet(HTML) 1 Page - ETAL Group

  413-K14-LN2-35A Datasheet HTML 1Page - ETAL Group 413-K14-LN2-35A Datasheet HTML 2Page - ETAL Group 413-K14-LN2-35A Datasheet HTML 3Page - ETAL Group 413-K14-LN2-35A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Performance Thermal Circuit Breaker 413-...
www.e-t-a.de
1646
1
1
Description
Typical applications
Ordering information
Technical data
Single pole high performance thermal circuit breaker with tease-free,
trip-free, snap action mechanism and push/pull on/off manual actuation
(M-type TO CBE to EN 60934). An indicator band on the push button
clearly shows the tripped/off position. Threadneck panel mounted
and available in tracked vehicle, aircraft and general purpose versions.
Extra low voltage wiring systems on all types of vehicles for land, sea
and air; defence equipment; battery powered machines.
413-...
Standard current ratings and typical voltage drop values
Type No.
413
threadneck panel mounting
Terminal design
K14 screw terminals M6 (to aircraft specs.)
K54 reinforced screw terminals M6, housing sealed
Version
FN2 vehicle application, nickel-plated
LN2 aircraft application, black finish
N2
general application, nickel-plated
Current ratings
30...55 A (-FN2)
30...90 A (-LN2/N2)
413 - K14 - LN2 - 40 A
ordering example
Voltage rating
DC 28 V
AC 115 V (400 Hz) upon request
Current rating range
30...55 A (-FN2)
30...90 A (-LN2/-N2),
Typical life
2,000 operations at 1 x IN
Ambient temperature
-55...+75 °C (-67...+167 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664A)
withstand voltage
degree
1.5 kV
3
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 1,500 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
6,000 A
Interrupting capacity
(UL 1077)
6,000 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
10 g (56-500 Hz), ± 0.76 mm (10-55 Hz)
to VG 95210, sheet 19,
MIL-STD-202, meth. 204,
IEC 60068-2-6, test Fc
Shock
50 g (11 ms)
to VG 95210, sheet 28,
MIL-STD-202, meth. 213,
IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to VG 95210, sheet 2,
MIL-STD-202, meth. 101,
IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to VG 95210, sheet 7,
MIL-STD-202, meth. 106,
IEC 60068-2-3, test Ca
Mass
approx. 65 g
Current
rating (A)
Voltage
drop (mV)
Current
rating (A)
Voltage
drop (mV)
-LN/N
-FN
-LN/N
-FN
30
≤ 250
≤ 250
55
-
≤ 200
35
≤ 250
≤ 250
60
≤ 200
-
40
≤ 200
≤ 200
70
≤ 200
-
45
≤ 200
≤ 200
80
≤ 200
-
50
≤ 200
≤ 200
90
≤ 200
-
Preferred types
Standard current ratings (A)
30
35
40
45
50
60
70
80
90
413-K54-FN2-
x
x
x
x
x
413-K14-LN2-
x
x
x
x
x
x
x
x
x
Preferred types


Similar Part No. - 413-K14-LN2-35A

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
413-1-G HELLERMANNTYTON-413-1-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
List of Unclassifed Man...
413-2646 ETC2-413-2646 Datasheet
28Kb / 1P
   Perfect for cutting jackets off a variety of fibre optic cable
More results

Similar Description - 413-K14-LN2-35A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
482-G ETAL-482-G Datasheet
261Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
   Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
483-G ETAL-483-G Datasheet
308Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
583-G ETAL-583-G Datasheet
267Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com