Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQS6207DNR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IQS6207DNR
Description  Unique combination of sensing:Capacitive sensing
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS6207DNR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IQS6207DNR Datasheet HTML 1Page - List of Unclassifed Manufacturers IQS6207DNR Datasheet HTML 2Page - List of Unclassifed Manufacturers IQS6207DNR Datasheet HTML 3Page - List of Unclassifed Manufacturers IQS6207DNR Datasheet HTML 4Page - List of Unclassifed Manufacturers IQS6207DNR Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS6207DNR Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS6207DNR Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS6207DNR Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS6207DNR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
IQ Switch
ProxFusionSeries
Copyright © Azoteq 2016
IQS620 Preliminary pre-production datasheet revision 0.91
Page 5 of 63
All Rights Reserved
Information in this datasheet is based on products in the design, validation or qualification phase
of development. The performance and parameters shown in this document are preliminary
without any warranty and are subject to change without notice.
November 2016
1
Introduction
1.1 ProxFusion
The ProxFusion
 sensor series provides all of the proven ProxSense® engine capabilities with
additional sensors types. A combined sensor solution is available within a single platform.
1.2 Packaging and Pin-Out
Figure 1.1
IQS620 pin-out (DFN10 package; device markings may differ)
Table 1.1
Pin-out description
IQS620 in DFN10
Pin
Name
Type
Function
1
SDA
Digital input / output
SDA (I2C Data signal)
2
GPIO0 /
RDY
Configurable digital output
Open drain active low logic
SAR activation output (higher priority)
RDY (I2C Ready interrupt signal; lower priority)
3
VDDHI
Supply input
Supply: 1.8V
– 3.3V
4
VREG
Regulator output
Regulates the system’s internal voltage
Requires external capacitors to ground
5
GPIO3 /
LTX
Configurable digital output
PWM output /
Transmitter electrode
PWM signal output (higher priority) /
Connect to
inductive sensor’s transmitting coil
(lower priority)
6
RX0
Receiving electrode
Connect to conductive area intended for sensor
receiving
7
RX1
Receiving electrode
Connect to conductive area intended for sensor
receiving
8
SCL
Digital input / output
SCL (I2C Clock signal)
9
VDDHI
Supply input
Supply: 1.8V
– 3.3V
10
VSS
Signal GND
Common ground reference
SDA
RDY/GPIO0
VDDHI
VREG
LTX/GPIO3
RX0
RX1
SCL
VSS
VDDHI


Similar Part No. - IQS6207DNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS621 ETC2-IQS621 Datasheet
2Mb / 66P
   Unique combination of sensing:Capacitive sensing
IQS621 ETC-IQS621 Datasheet
2Mb / 79P
   Combination sensor with ambient light sensing (ALS), capacitive proximity/touch, Halleffect sensor & inductive sensing capabilities
May 2018
IQS6210U9R ETC-IQS6210U9R Datasheet
2Mb / 79P
   Combination sensor with ambient light sensing (ALS), capacitive proximity/touch, Halleffect sensor & inductive sensing capabilities
May 2018
IQS621 ETC-IQS621_V01 Datasheet
2Mb / 79P
   Combination sensor with ambient light sensing (ALS), capacitive proximity/touch, Halleffect sensor & inductive sensing capabilities
May 2018
IQS622 ETC2-IQS622 Datasheet
2Mb / 59P
   Unique combination of sensing:Capacitive sensing
More results

Similar Description - IQS6207DNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS622 ETC2-IQS622 Datasheet
2Mb / 59P
   Unique combination of sensing:Capacitive sensing
IQS621 ETC2-IQS621 Datasheet
2Mb / 66P
   Unique combination of sensing:Capacitive sensing
IQS680 ETC2-IQS680 Datasheet
1Mb / 26P
   Unique combination of Sensors:Capacitive Sensing
logo
Gamewell-FCI by Honeywe...
MCS-4-WARN GAMEWELL-FCI-MCS-4-WARN Datasheet
64Kb / 2P
   Advanced Multi-Criteria Detector with Four Unique Sensing Elements
logo
Systemsensor advanced i...
2251-COPTIR SYSTEMSENSOR-2251-COPTIR Datasheet
777Kb / 2P
   Advanced Multi-Criteria Fire Detector with four unique sensing elements
logo
Microchip Technology
AN1043 MICROCHIP-AN1043 Datasheet
308Kb / 10P
   Unique Features of the MCP23X08/17 GPIO Expanders
2006
logo
Ohmite Mfg. Co.
WC-SERIES OHMITE-WC-SERIES Datasheet
489Kb / 2P
   The unique design (patent pending) of the WC Series
W-SERIES OHMITE-W-SERIES Datasheet
333Kb / 1P
   The unique design (patent pending) of the W Series
logo
Aries Electronics, Inc.
171 ARIES-171 Datasheet
659Kb / 2P
   Combination of Thin, Flexible
logo
List of Unclassifed Man...
HD-50-1-6 ETC-HD-50-1-6 Datasheet
150Kb / 1P
   The desing of the HD Series knob is unmistakbaly unique
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com