Electronic Components Datasheet Search |
|
IQS6205DNR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
IQS6205DNR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 63 page IQ Switch ProxFusion Series Copyright © Azoteq 2016 IQS620 Preliminary pre-production datasheet revision 0.91 Page 1 of 63 All Rights Reserved Information in this datasheet is based on products in the design, validation or qualification phase of development. The performance and parameters shown in this document are preliminary without any warranty and are subject to change without notice. November 2016 IQS620 Datasheet Combination sensor with dual channel capacitive proximity/touch, Hall-effect sensor and inductive sensing The IQS620 ProxFusion IC is a multifunctional capacitive, Hall-effect & inductive sensor designed for applications where any or all of the technologies may be required. The IQS620 is an ultra-low power solution designed for short or long term activations through any of the sensing channels. The IQS620 is fully I2C compatible and can be configured to output main trigger events on GPIOs. Features Unique combination of sensing technologies: o Capacitive sensing o Hall-effect sensing o Inductive sensing Capacitive sensing o 2pF to 200pF external capacitive load capability o Fully adjustable sensing options Hall-effect sensing o No external components required o Dual direction Hall switch sensor o 2 level detection (widely variable) o Detection range 1mT – 100mT Inductive sensing o Metal sensing UI with 2 level detection and hysteresis o Only external sense coil required (PCB trace) Low power consumption: 300uA (50 Hz response, all technologies in use), 2.5uA (low power mode, zoom to scanning mode with wake-up) Multiple integrated UI options based on years of experience in sensing on fixed and mobile platforms: o Proximity / Touch o Proximity wake-up o SAR with movement and quick release Automatic Tuning Implementation (ATI) – performance enhancement (10bit) Minimal external components Standard I2C interface (polling with sub 1ms clock stretching) Optional RDY indication for event mode operation Event or Streaming mode Supply voltage: 1.8V to 3.3V Low profile DFN(3x3) – 10 pin package Applications Mobile electronics (phones/tablets) SAR safety requirements for laptops, tablets and phones Wearable devices White goods and appliances Human Interface Devices Proximity activated backlighting Applications with long-term activation Aftermarket automotive1 1 The part is not automotive qualified. Available Packages TA DFN(3x3) - 10 -40 °C to 85°C IQS620 DFN10 Representations only, not actual markings |
Similar Part No. - IQS6205DNR |
|
Similar Description - IQS6205DNR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |