Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQS3161QNR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IQS3161QNR
Description  16 Touch Keys with distributed Proximity Sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS3161QNR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IQS3161QNR Datasheet HTML 1Page - List of Unclassifed Manufacturers IQS3161QNR Datasheet HTML 2Page - List of Unclassifed Manufacturers IQS3161QNR Datasheet HTML 3Page - List of Unclassifed Manufacturers IQS3161QNR Datasheet HTML 4Page - List of Unclassifed Manufacturers IQS3161QNR Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS3161QNR Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS3161QNR Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS3161QNR Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS3161QNR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2015
IQS316 Datasheet
Page 5 of 28
All rights reserved.
Revision 1.03
November 2015
Table 2.1
QFN32 top view
Pin
Name
Description
1
MOSI-I2CA0
Refer to Table 2.2
2
SOMI-SDA
Refer to Table 2.2
3
RDY
Refer to Table 2.2
4
SCK-SCL
Refer to Table 2.2
5
/SS-IRDY
Refer to Table 2.2
6
POUT
Proximity output
7
SPI_ENABLE
Comms Selection
8
/MCLR
Master Clear
9
VDDHI
Supply Voltage
10
RFIN
RF Noise Input
11
VSS
Ground Reference
12
ICTRL
Current Reference
13
ZC
ZC Input
14
SHLD_B
Shield
15
SHLD_A
Shield
16
VREG
Internal
Regulator
Voltage
17
CxB0
Cx Sensor Line
18
CxB1
Cx Sensor Line
19
CxB2
Cx Sensor Line
20
CxB3
Cx Sensor Line
21
CxA0
Cx Sensor Line
22
CxA1
Cx Sensor Line
23
CxA2
Cx Sensor Line
24
CxA3
Cx Sensor Line
25
CxB4
/
GPIO_0
Cx Sensor Line / I/O
26
CxB5/
GPIO_1
Cx Sensor Line / I/O
27
CxB6
/
GPIO_4
Cx Sensor Line / I/O
28
CxB7
/
GPIO_5
Cx Sensor Line / I/O
29
CxA4
/
GPIO_2
Cx Sensor Line / I/O
30
CxA5
/
GPIO_3
Cx Sensor Line / I/O
31
CxA6
/
GPIO_6
Cx Sensor Line / I/O
32
CxA7
/
GPIO_7
Cx Sensor Line / I/O
In
Table
2.2
a
description
of
all
communication pins are given.
Table 2.2
Communication pins
SPI
I
2C
Name
Description
Name
Description
MOSI
Master Out
Slave In
I2CA0
Sub-Address
0
SOMI
Slave
Out
Master In
SDA
Data
/SS
Slave Select
IRDY
I
2C Ready
SCK
Serial Clock
SCL
Clock
RDY
SPI Ready
Not used
Pins are used as defined in the standard
communications protocols, except for the
additional RDY pin in SPI mode and the
IRDY pin in I
2C mode.
The ready is an
indication to the master that data transfer is
ready to be initiated (that the communication
window is available).
2.2 ICTRL
A reference resistor of 39k MUST be placed
from the ICTRL I/O to ground, as shown in
Figure 1.1. It is very important that the track
to the resistor must be as short as possible,
with the other side having a good connection
to ground.
3 ProxSense
®
Module
The device contains a ProxSense
® module
that uses patented technology to provide
detection of PROX/TOUCH on the numerous
sensing lines. The ProxSense
™ module is a
combination
of
hardware
and
software,
based on the principles of charge transfer. A
set of measurements are taken and used for
calculating the touch controller outputs.
3.1 Charge Transfer Concepts
Capacitance measurements are taken with a
charge transfer process that is periodically
initiated. The measuring process is referred
to as a charge transfer cycle and consists of
the following:


Similar Part No. - IQS3161QNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS316 ETC2-IQS316 Datasheet
985Kb / 26P
   Multi-channel Capacitive Sensing Controller with Advanced Signal Processing Functions
IQS316EV01 ETC2-IQS316EV01 Datasheet
4Mb / 9P
   IQ Switch - ProxSense Series
IQS316EV02 ETC2-IQS316EV02 Datasheet
2Mb / 10P
   IQ Switch - ProxSense Series
More results

Similar Description - IQS3161QNR

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-LSF TONTEK-TTP229-LSF Datasheet
337Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-KSF TONTEK-TTP229-KSF Datasheet
336Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229 TONTEK-TTP229 Datasheet
370Kb / 19P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
logo
List of Unclassifed Man...
IQS621 ETC-IQS621_V01 Datasheet
2Mb / 79P
   Combination sensor with ambient light sensing (ALS), capacitive proximity/touch, Halleffect sensor & inductive sensing capabilities
May 2018
logo
STMicroelectronics
STMPE16M31PX STMICROELECTRONICS-STMPE16M31PX Datasheet
669Kb / 75P
   S-Touch짰 16-channel touchkey controller with proximity sensing
January 2011 Rev 2
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
STMicroelectronics
STM8T141 STMICROELECTRONICS-STM8T141 Datasheet
1Mb / 50P
   Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
June 2011 Rev 7
logo
PADAUK Technology.
PMS164 PADAUK-PMS164 Datasheet
1Mb / 74P
   12 Touch Keys OTP Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com