Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

231ACC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 231ACC
Description  Integrated SAR user interface offering a simple GPIO output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

231ACC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 231ACC Datasheet HTML 3Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 4Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 5Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 6Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 7Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 8Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 9Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 10Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ProxSense
® Series
Copyright © Azoteq 2016
IQS231A Datasheet v1.3
Page 7 of 36
All Rights Reserved
Check for latest datasheet
December 2016
3 Summary: One-Time-Programmable (OTP) options
OTP bank 0
IQS231A 000000xx TSR
Bit7
6
5
4
3
2
1
Bit 0
Movement time-out
Reserved
Movement
threshold
Quick release threshold
Quick release beta
Prox no mov UI
00 - 2s
01 - 5s
10 - 10s
11 - Disabled (0s)
Prox&Mov UIs
00 - 10s
01 - 30s
10 - 60s
11 - 10min
n/a
0
– 4 counts
1
– 6 counts
00
– moderate
100 counts
01
– strict
150
10
– relaxed
50
11 - very strict
250
00
– 2 (fast following)
01 - 3
10 - 4
11
– 5 (slow following)
OTP Bank 1
IQS231A 0000xx00 TSR
Bit7
6
5
4
3
2
1
Bit 0
I2C address
Proximity Threshold
(low/high)
AC Filter
Touch threshold
00
– standalone
01
– 44H
10
– 46H
11
– 47H
Sensitivity input low / Sync input
active / Mov output / Touch output
00
– 4 counts
01
– 6
10
– 8
11
– 10
Sensitivity
input
high
(internal
20kΩ pull-up)
00
– 8 counts
01
– 10
10
– 12
11
– 14
00 - 1
01 - 2
10 - 3
11 - 0
00
– 32 counts
01
– 64
10
– 256
11
– 320
OTP Bank 2
IQS231A 00xx0000 TSR
Bit7
6
5
4
3
2
1
Bit 0
Increase
debounce
Target
Base value
Failsafe
Quick
release
User interface
0
– 6in, 4out
1
– 12in, 8out
0 = 1200 /
1096
(movement)
1 = 768
00
– 100 counts
01
– 75
10
– 150
11
– 200
0
– Disabled
1
– Enabled
0
– Enabled
1
– Disabled
00 - Prox / No movement
01 - Prox with movement
10 - Prox with movement /
Touch with no movement
11 - Same as '10', touch
output forced on IO2
OTP Bank 3
IQS231A xx000000 TSR
Bit7
6
5
4
3
2
1
Bit 0
Charge transfer
frequency
Temperature
compensation
IO2 function
ATI events
on IO1
Sample rate
00
– 500kHz
01
– 125 kHz
10
– 64 kHz
11
– 16.5kHz
0
– Disabled
1
– Enabled
00 - Sensitivity input (proximity
threshold adjust)
01 - Sync input
10 - Movement output
11 - Ignore input, no output
0
– Enabled
1
– Disabled
Sample-to-sample time
(Response time) Includes 6
sample debounce burst of
24ms
00
– 30 Hz
(57ms)
01
– 100 Hz
(34ms)
10
– 8 Hz
(154ms)
11
– 4 Hz
(280ms)


Similar Part No. - 231ACC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
231A ETC2-231A Datasheet
162Kb / 2P
   Auto scans thin Ethernet (BNC),10Base T (UTP/STP), 100BaseTx, RJ45, 356A,TIA-568A,TIA-568B, and Token Ring
logo
3M Electronics
231A 3M-231A Datasheet
126Kb / 5P
   3M??High Performance Masking Tape 231/231A
More results

Similar Description - 231ACC

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8266 ESPRESSIF-ESP8266 Datasheet
3Mb / 117P
   General Purpose Input/Output Interface (GPIO)
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
   Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
logo
NEC
UPD98405 NEC-UPD98405 Datasheet
333Kb / 64P
   155M ATM INTEGRATED SAR CONTROLLER
logo
Infineon Technologies A...
BGS17GA14 INFINEON-BGS17GA14 Datasheet
712Kb / 13P
   SP7T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
logo
List of Unclassifed Man...
XR3000 ETC2-XR3000 Datasheet
358Kb / 3P
   USER FRIENDLY WEB INTERFACE
logo
PMC-Sierra, Inc
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
   SATURN USER NETWORK INTERFACE
logo
Shenzhen TOPWAY Technol...
TCB5232A TOPWAY-TCB5232A Datasheet
382Kb / 7P
   Interface Board User Manual
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
   SATURN USER NETWORK INTERFACE
logo
Zilog, Inc.
Z8932112ZEM ZILOG-Z8932112ZEM Datasheet
53Kb / 5P
   Windows-Based User Interface
logo
Shenzhen TOPWAY Technol...
TCB5232B TOPWAY-TCB5232B Datasheet
381Kb / 7P
   Interface Board User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com