Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985AIM5X-1.8 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2985AIM5X-1.8
Description  Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985AIM5X-1.8 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2985AIM5X-1.8 Datasheet HTML 1Page - National Semiconductor (TI) LP2985AIM5X-1.8 Datasheet HTML 2Page - National Semiconductor (TI) LP2985AIM5X-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LP2985AIM5X-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP2985AIM5X-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP2985AIM5X-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP2985AIM5X-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP2985AIM5X-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP2985AIM5X-1.8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Basic Application Circuit
10129502
*ON/OFF input must be actively terminated. Tie to VIN if this function is not to be used.
**Minimum capacitance is shown to ensure stability (may be increased without limit). Ceramic capacitor required for output (see Application Hints).
***Reduces output noise (may be omitted if application is not noise critical). Use ceramic or film type with very low leakage current (see Application Hints).
Connection Diagrams
5-Lead Small Outline Package (M5)
micro SMD, 5 Bump Package (BPA05 & BLA05)
10129503
Top View
See NS Package Number MF05A
For ordering information see Table 1
10129523
Note: The actual physical placement of the package marking will vary from
part to part. Package marking contains date code and lot traceability
information, and will vary considerably. Package marking does not correlate
to device type.
Top View
See NS Package Number BPA05 & BLA05
Pin Descrption
Name
Pin Number
Function
SOT-23
micro SMD
V
IN
1
C3
Input Voltage
GND
2
A1
Common Ground (device substrate)
ON/OFF
3
A3
Logic high enable input
BYPASS
4
B2
Bypass capacitor for low noise operation
V
OUT
5
C1
Regulated output voltage
www.national.com
2


Similar Part No. - LP2985AIM5X-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985AIM5X-1.8 NSC-LP2985AIM5X-1.8 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985AIM5X-1.8 TI1-LP2985AIM5X-1.8 Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2985AIM5X-1.8 TI-LP2985AIM5X-1.8 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
LP2985AIM5X-1.8 TI-LP2985AIM5X-1.8 Datasheet
1Mb / 22P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
LP2985AIM5X-1.8/NOPB TI1-LP2985AIM5X-1.8/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
More results

Similar Description - LP2985AIM5X-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985LV_0406 NSC-LP2985LV_0406 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2985AIM5X-2.0 TI-LP2985AIM5X-2.0 Datasheet
1Mb / 22P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
LP2985IM5-33 TI1-LP2985IM5-33 Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2992 TI1-LP2992_15 Datasheet
1Mb / 35P
[Old version datasheet]   Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
National Semiconductor ...
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com