Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMH1A Datasheet(PDF) 2 Page - Rohm

Part # IMH1A
Description  General purpose (dual digital transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMH1A Datasheet(HTML) 2 Page - Rohm

  IMH1A Datasheet HTML 1Page - Rohm IMH1A Datasheet HTML 2Page - Rohm IMH1A Datasheet HTML 3Page - Rohm IMH1A Datasheet HTML 4Page - Rohm IMH1A Datasheet HTML 5Page - Rohm IMH1A Datasheet HTML 6Page - Rohm IMH1A Datasheet HTML 7Page - Rohm IMH1A Datasheet HTML 8Page - Rohm IMH1A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EMH1 / UMH1N / IMH1A
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Values
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-10 to 40
V
Output current
IO
30
mA
Collector current
IC(MAX)*1
100
mA
Power dissipation
EMH1
PD*2*3
150
mW
UMH1N
PD*2*3
150
IMH1A
PD*2*4
300
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 100μA
-
-
0.5
V
VI(on)
VO = 0.2V, IO = 5mA
3.0
-
-
Output voltage
VO(on)
IO = 10mA, II = 0.5mA
-
100
300
mV
Input current
II
VI = 5V
-
-
360
μA
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
500
nA
DC current gain
GI
VO = 5V, IO = 5mA
56
-
-
-
Input resistance
R1
-
15.4
22
28.6
Resistance ratio
R2/R1
-
0.8
1.0
1.2
-
Transition frequency
fT*1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor.
*2 Each terminal mounted on a reference land.
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
                                            
 
                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/7
20151001 - Rev.002


Similar Part No. - IMH1A

ManufacturerPart #DatasheetDescription
logo
Rohm
IMH1A ROHM-IMH1A Datasheet
67Kb / 2P
   General purpose (dual digital transistors)
IMH1A ROHM-IMH1A Datasheet
70Kb / 3P
   General purpose (dual digital transistors)
IMH1A ROHM-IMH1A Datasheet
76Kb / 3P
   General purpose (dual digital transistors)
IMH1A ROHM-IMH1A Datasheet
71Kb / 3P
   General purpose (dual digital transistors)
logo
Guangdong Kexin Industr...
IMH1A KEXIN-IMH1A Datasheet
150Kb / 2P
   General purpose
More results

Similar Description - IMH1A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com