Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2EG Datasheet(PDF) 43 Page - Texas Instruments

Part # TDA2EG
Description  SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
Download  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EG Datasheet(HTML) 43 Page - Texas Instruments

Back Button TDA2EG Datasheet HTML 39Page - Texas Instruments TDA2EG Datasheet HTML 40Page - Texas Instruments TDA2EG Datasheet HTML 41Page - Texas Instruments TDA2EG Datasheet HTML 42Page - Texas Instruments TDA2EG Datasheet HTML 43Page - Texas Instruments TDA2EG Datasheet HTML 44Page - Texas Instruments TDA2EG Datasheet HTML 45Page - Texas Instruments TDA2EG Datasheet HTML 46Page - Texas Instruments TDA2EG Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 393 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2EG
43
TDA2EG
www.ti.com
SPRS958B – MARCH 2016 – REVISED JANUARY 2017
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
AB8
mmc3_dat6
mmc3_dat6
0
IO
PU
PU
15
1.8/3.3
vddshv7
Yes
Dual Voltage
LVCMOS
PU/PD
1
spi4_d0
1
IO
0
uart10_ctsn
2
I
1
usb3_ulpi_stp
3
O
vin2b_de1
4
I
vin1a_hsync0
9
I
0
ehrpwm3_tripzone_input
10
IO
0
gpio1_24
14
IO
Driver off
15
I
AB5
mmc3_dat7
mmc3_dat7
0
IO
PU
PU
15
1.8/3.3
vddshv7
Yes
Dual Voltage
LVCMOS
PU/PD
1
spi4_cs0
1
IO
1
uart10_rtsn
2
O
usb3_ulpi_clk
3
I
0
vin2b_clk1
4
I
vin1a_vsync0
9
I
0
eCAP3_in_PWM3_out
10
IO
0
gpio1_25
14
IO
Driver off
15
I
D21
nmin_dsp
nmin_dsp
0
I
PD
PD
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
Y11
on_off
on_off
0
O
PU
drive 1 (OFF)
1.8/3.3
vddshv5
Yes
BC1833IHHV PU/PD
AG13
pcie_rxn0
pcie_rxn0
0
I
OFF
OFF
1.8
vdda_pcie0
NA
SERDES
NA
AH13
pcie_rxp0
pcie_rxp0
0
I
OFF
OFF
1.8
vdda_pcie0
NA
SERDES
NA
AG14
pcie_txn0
pcie_txn0
0
O
1.8
vdda_pcie0
NA
SERDES
NA
AH14
pcie_txp0
pcie_txp0
0
O
1.8
vdda_pcie0
NA
SERDES
NA
F22
porz
porz
0
I
1.8/3.3
vddshv3
Yes
IHHV1833
PU/PD
E23
resetn
resetn
0
I
PU
PU
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
U5
rgmii0_rxc
rgmii0_rxc
0
I
PD
PD
15
1.8/3.3
vddshv9
Yes
Dual Voltage
LVCMOS
PU/PD
0
rmii1_txen
2
O
mii0_txclk
3
I
0
vin2a_d5
4
I
0
vin1b_d5
5
I
0
usb3_ulpi_d2
6
IO
0
gpio5_26
14
IO
Driver off
15
I


Similar Part No. - TDA2EG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2EGADQABCQ1 TI1-TDA2EGADQABCQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
TDA2EGADQABCRQ1 TI1-TDA2EGADQABCRQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
TDA2EGAHQABCQ1 TI1-TDA2EGAHQABCQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
TDA2EGAHQABCRQ1 TI1-TDA2EGAHQABCRQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results

Similar Description - TDA2EG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com