Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C107K6PACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C107K6PACTU
Description  X5R Dielectric, 4 ??50 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C107K6PACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C107K6PACTU Datasheet HTML 1Page - Kemet Corporation C0402C107K6PACTU Datasheet HTML 2Page - Kemet Corporation C0402C107K6PACTU Datasheet HTML 3Page - Kemet Corporation C0402C107K6PACTU Datasheet HTML 4Page - Kemet Corporation C0402C107K6PACTU Datasheet HTML 5Page - Kemet Corporation C0402C107K6PACTU Datasheet HTML 6Page - Kemet Corporation C0402C107K6PACTU Datasheet HTML 7Page - Kemet Corporation C0402C107K6PACTU Datasheet HTML 8Page - Kemet Corporation C0402C107K6PACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1006_X5R_SMD • 2/29/2016
1
One world. One KEMET
Benefits
• −55°Cto+85°Coperatingtemperaturerange
• Lead (Pb)-Free, RoHS and REACH compliant
• Temperaturestabledielectric
• EIA 0201, 0402, 0603, 0805, 1206, 1210, and 1812 case sizes
• DCvoltageratingsof4V,6.3V,10V,16V,25V,35V,and50V
• Capacitanceofferingsrangingfrom0.01μFto100μF
• Availablecapacitancetolerancesof±10%and±20%
• Non-polardevice,minimizinginstallationconcerns
• 100%puremattetin-platedterminationfinishallowingfor
excellent solderability
Applications
Typicalapplicationsincludedecoupling,bypass,andfiltering.
Overview
KEMET’sX5Rdielectricfeaturesan85°Cmaximum
operatingtemperatureandisconsidered“semi-stable.”The
Electronics Components, Assemblies & Materials Association
(EIA)characterizesX5RdielectricasaClassIImaterial.
Componentsofthisclassificationarefixed,ceramicdielectric
capacitorssuitedforbypassanddecouplingapplications
orforfrequencydiscriminatingcircuitswhereQandstability
ofcapacitancecharacteristicsarenotcritical.X5Rexhibitsa
predictablechangeincapacitancewithrespecttotimeand
voltageandboastsaminimalchangeincapacitancewith
referencetoambienttemperature.Capacitancechangeislimited
to±15%from−55°Cto+85°C.
SurfaceMountMultilayerCeramicChipCapacitors(SMDMLCCs)
X5R Dielectric, 4 – 50 VDC (Commercial Grade)
Ordering Information
C
1206
C
107
M
9
P
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
RatedVoltage
(VDC)
Dielectric
FailureRate/
Design
Termination
Finish1
Packaging/Grade
(C–Spec)
0201
0402
0603
0805
1206
1210
C = Standard
Two
significant
digits+
numberof
zeros.
K=±10%
M=±20%
7 = 4
9 = 6.3
8 = 10
4 = 16
3 = 25
6 = 35
5 = 50
P = X5R
A = N/A
C=100%
Matte Sn
See"Packaging
C-SpecOrdering
Options Table"
below
1
Additional termination finish options may be available. Contact KEMET for details.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C0402C107K6PACTU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C0402C1003GAC ETC2-C0402C1003GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0402C1004GAC ETC2-C0402C1004GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0402C1005GAC ETC2-C0402C1005GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0402C1008GAC ETC2-C0402C1008GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C100C5GAC KEMET-C0402C100C5GAC Datasheet
125Kb / 4P
   Ceramic Capacitor
More results

Similar Description - C0402C107K6PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C476M9PACTU KEMET-C0805C476M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C684K4PACTU KEMET-C0603C684K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C474K4PACTU KEMET-C0603C474K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C105K4PACTU KEMET-C0603C105K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C1825C225M5UACTU KEMET-C1825C225M5UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com