Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C107K9PACTU Datasheet(PDF) 11 Page - Kemet Corporation

Part # C0805C107K9PACTU
Description  X5R Dielectric, 4 ??50 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C107K9PACTU Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C0805C107K9PACTU Datasheet HTML 7Page - Kemet Corporation C0805C107K9PACTU Datasheet HTML 8Page - Kemet Corporation C0805C107K9PACTU Datasheet HTML 9Page - Kemet Corporation C0805C107K9PACTU Datasheet HTML 10Page - Kemet Corporation C0805C107K9PACTU Datasheet HTML 11Page - Kemet Corporation C0805C107K9PACTU Datasheet HTML 12Page - Kemet Corporation C0805C107K9PACTU Datasheet HTML 13Page - Kemet Corporation C0805C107K9PACTU Datasheet HTML 14Page - Kemet Corporation C0805C107K9PACTU Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1006_X5R_SMD • 2/29/2016 11
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X5R Dielectric, 4 – 50 VDC (Commercial Grade)
Table 4 – Performance & Reliability: Test Methods and Conditions
Stress
Reference
Test or Inspection Method
TerminalStrength
JIS–C–6429
Appendix1,Note:Forceof1.8kgfor60seconds.
Board Flex
JIS–C–6429
Appendix2,Note:Standardterminationsystem–2.0mm(minimum)forallexcept3mmforC0G.
Flexibleterminationsystem–3.0mm(minimum).
Solderability
J–STD–002
Magnification50X.Conditions:
a)MethodB,4hoursat155°C,dryheatat235°C
b)MethodBat215°Ccategory3
c)MethodD,category3at260°C
TemperatureCycling
JESD22MethodJA–104
1,000Cycles(−55°Cto+125°C).Measurementat24hours+/-4hoursaftertestconclusion.
BiasedHumidity
MIL–STD–202Method103
LoadHumidity:1,000hours85°C/85%RHandratedvoltage.Add100Kohmresistor.
Measurementat24hours+/-4hoursaftertestconclusion.
LowVoltHumidity:1,000hours85°C/85%RHand1.5V.Add100Kohmresistor.
Measurementat24hours+/-4hoursaftertestconclusion.
MoistureResistance
MIL–STD–202Method106
t=24hours/cycle.Steps7aand7bnotrequired.
Measurementat24hours+/-4hoursaftertestconclusion.
ThermalShock
MIL–STD–202Method107
−55°C/+125°C.Note:Numberofcyclesrequired–300.Maximumtransfertime–20seconds.Dwell
time–15minutes.Air–Air.
HighTemperatureLife
MIL–STD–202Method108
/EIA–198
1,000hoursat85°Cwith2Xratedvoltageappliedexcludingthefollowing:
Case Size
Capacitance
Applied Voltage
0402
≥0.22µF
1.5 X
0603
≥1.0µF
0805
≥4.7µF
1206
≥2.2µF
1210
≥10µF
StorageLife
MIL–STD–202Method108
150°C,0VDCfor1,000hours.
Vibration
MIL–STD–202Method204
5g'sfor20minutes,12cycleseachof3orientations.Note:Use8"X5"PCB0.031"thick7secure
pointsononelongsideand2securepointsatcornersofoppositesides.Partsmountedwithin2"
fromanysecurepoint.Testfrom10–2,000Hz
MechanicalShock
MIL–STD–202Method213
Figure1ofMethod213,ConditionF.
Resistance to Solvents MIL–STD–202Method215
Addaqueouswashchemical,OKEMCleanorequivalent.
Storage and Handling
Ceramicchipcapacitorsshouldbestoredinnormalworkingenvironments.Whilethechipsthemselvesarequiterobustinother
environments,solderabilitywillbedegradedbyexposuretohightemperatures,highhumidity,corrosiveatmospheres,andlongterm
storage.Inaddition,packagingmaterialswillbedegradedbyhightemperature–reelsmaysoftenorwarpandtapepeelforcemay
increase.KEMETrecommendsthatmaximumstoragetemperaturenotexceed40ºCandmaximumstoragehumiditynotexceed70%
relativehumidity.Temperaturefluctuationsshouldbeminimizedtoavoidcondensationonthepartsandatmospheresshouldbefreeof
chlorineandsulfurbearingcompounds.Foroptimizedsolderabilitychipstockshouldbeusedpromptly,preferablywithin1.5yearsof
receipt.


Similar Part No. - C0805C107K9PACTU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C0805C1001GAC ETC2-C0805C1001GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0805C1002GAC ETC2-C0805C1002GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0805C1005GAC ETC2-C0805C1005GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
logo
Kemet Corporation
C0805C100C1GAC KEMET-C0805C100C1GAC Datasheet
82Kb / 4P
   CERAMIC CHIP CAPACITORS
C0805C100C2GAC KEMET-C0805C100C2GAC Datasheet
125Kb / 4P
   Ceramic Capacitor
More results

Similar Description - C0805C107K9PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C476M9PACTU KEMET-C0805C476M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C684K4PACTU KEMET-C0603C684K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C474K4PACTU KEMET-C0603C474K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C105K4PACTU KEMET-C0603C105K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C1825C225M5UACTU KEMET-C1825C225M5UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com