Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3570 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3570
Description  Low Noise White LED Driver System
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3570 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3570 Datasheet HTML 1Page - National Semiconductor (TI) LM3570 Datasheet HTML 2Page - National Semiconductor (TI) LM3570 Datasheet HTML 3Page - National Semiconductor (TI) LM3570 Datasheet HTML 4Page - National Semiconductor (TI) LM3570 Datasheet HTML 5Page - National Semiconductor (TI) LM3570 Datasheet HTML 6Page - National Semiconductor (TI) LM3570 Datasheet HTML 7Page - National Semiconductor (TI) LM3570 Datasheet HTML 8Page - National Semiconductor (TI) LM3570 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics(Notes 2, 8) (Continued)
Limits in standard typeface and typical values apply for T
J =25
oC. Limits in boldface type apply over the operating junction
temperature range. Unless otherwise noted, specifications apply to the LM3570 typical Application Circuit (pg.1) with: V
IN =
3.6V, V
EN = 3.0V, VPWM = 3.0V, VDX=3.6V, RSET = 6.25k
Ω,C
1=C2=1.0µF, CIN=2.2µF, COUT=3.3µF(Note 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
SET
I
SET Pin Voltage
1.25
V
I
Dx /ISET
Output Current to Current
Set Ratio
100
f
SW
Switching Frequency
(Note 15)
3.0V
≤ V
IN
≤ 5.5V
300
500
665
kHz
t
START
Start-up Time
I
Dx = 90% steady state
250
µs
EN and PWM Pin Characteristics
V
EN-IL
Enable Pin Logic Low
3.0V
≤ V
IN
≤ 5.5V
0
0.5
V
V
EN-IH
Enable Pin Logic High
3.0V
≤ V
IN
≤ 5.5V
1.0
V
IN
V
V
PWM-IL
PWM Pin Logic Low
3.0V
≤ V
IN
≤ 5.5V
0
0.5
V
V
PWM-IH
PWM PinLogic High
3.0V
≤ V
IN
≤ 5.5V
1.0
V
IN
V
I
LEAK-EN
Enable Pin Leakage Current
(Note 14)
10
µA
I
LEAK-PWM
PWM Pin Leakage Current
(Note 14)
10
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150
oC (typ.) and disengages at
TJ=140
oC (typ.).
Note 4: For detailed soldering specifications and information, please refer to National Semiconductor Application Note 1187: Leadless Leadframe Package
(LLP).
Note 5: The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. (MIL-STD-883 3015.7) The machine model is a 200pF
capacitor discharged directly into each pin. (EAIJ)
Note 6: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125
oC), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP –(θJA xPD-MAX).
Note 7: Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues in board design. For more information on these topics, please refer to Application Note 1187: Leadless
Leadframe Package (LLP) and the PCB Layout Considerations and Power Dissipation section of this datasheet.
Note 8: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical (Typ) numbers are not guaranteed, but do represent the most likely norm.
Unless otherwise specified, conditions for Typ specifications are: VIN= 3.6V and TA =25
oC.
Note 9: CIN,COUT, C1, and C2 : Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics
Note 10: Maximum IDx=20mA
Note 11: ITOT is equal to the sum of all IDx currents and the current drawn from VOUT. Current can be drawn from any combination of VOUT and ID1,ID2, and ID3
as long as the maximum current does not exceed 80mA.
Note 12: For the group of the three outputs on a part the following are determined: the maximum output current in the group (MAX), the minimum output current
in the group (MIN), and the average output current of the group (AVG).Two matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN)/AVG. The largest
number of the two (worst case) is considered the matching figure for the group. The matching figure for a given part is considered to be the highest matching figure.
The typical specification provided is the most likely norm of the matching figure for all parts.
Note 13: Headroom Voltage is defined as the amount of voltage required across the regulated current sources in order to guarantee the full amount of output current
is realized. VOUT –VDx =VHR. The minimum headroom required is defined as follows: VHR(min) ≥ kHR xIDx where kHR is the headroom proportionality constant
and IDx is the desired controlled diode current. The LM3570 has a kHR = 25mV/mA. For more information, please refer to the output current section of this datasheet.
Note 14: The EN and PWM pins have 300k
Ω internal pull-down resistors. When the part is in shutdown, the PWM pin must be tied low to ensure lowest possible
shutdown current.
Note 15: The output switches operate at one eighth of the oscillator frequency, fOSC=8xfSW
www.national.com
4


Similar Part No. - LM3570

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM357 NSC-LM357 Datasheet
1Mb / 20P
   Switching Regulator
LM3578 NSC-LM3578 Datasheet
1Mb / 18P
   Switching Regulator
LM3578A NSC-LM3578A Datasheet
1Mb / 18P
   Switching Regulator
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
   Switching Regulator
logo
Texas Instruments
LM3578A TI-LM3578A Datasheet
1Mb / 30P
[Old version datasheet]   LM2578A/LM3578A Switching Regulator
More results

Similar Description - LM3570

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC604A SEMTECH-SC604A Datasheet
363Kb / 18P
   Low Noise, High Efficiency Regulated White LED Driver
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
SG Micro Corp
SGM3135 SGMICRO-SGM3135 Datasheet
302Kb / 10P
   Low Side White LED Driver
logo
AiT Semiconductor Inc.
A8113 AITSEMI-A8113 Datasheet
841Kb / 12P
   HIGH POWER WHITE LED DRIVER 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.1
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
   WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com