Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5912-2.8DRVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912-2.8DRVR
Description  500-mA Low-Noise, Low-IQ LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912-2.8DRVR Datasheet(HTML) 4 Page - Texas Instruments

  LP5912-2.8DRVR Datasheet HTML 1Page - Texas Instruments LP5912-2.8DRVR Datasheet HTML 2Page - Texas Instruments LP5912-2.8DRVR Datasheet HTML 3Page - Texas Instruments LP5912-2.8DRVR Datasheet HTML 4Page - Texas Instruments LP5912-2.8DRVR Datasheet HTML 5Page - Texas Instruments LP5912-2.8DRVR Datasheet HTML 6Page - Texas Instruments LP5912-2.8DRVR Datasheet HTML 7Page - Texas Instruments LP5912-2.8DRVR Datasheet HTML 8Page - Texas Instruments LP5912-2.8DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
LP5912
SNVSA77D – DECEMBER 2015 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5912
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the GND pin.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
Input voltage
–0.3
7
V
VOUT
Output voltage
–0.3
7
V
VEN
Enable input voltage
-0.3
7
V
VPG
Power Good (PG) pin OFF voltage
–0.3
7
V
TJ
Junction temperature
150
°C
PD
Continuous power dissipation(3)
Internally Limited
W
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process..
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
All voltages are with respect to the GND pin.
(2)
TJ-MAX-OP = (TA(MAX) + (PD(MAX) × RθJA )).
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Input supply voltage
1.6
6.5
V
VOUT
Output voltage
0.8
5.5
VEN
Enable input voltage
0
VIN
VPG
PG pin OFF voltage
0
6.5
IOUT
Output current
0
500
mA
TJ-MAX-OP
Operating junction temperature(2)
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Thermal resistance value RθJA is based on the EIA/JEDEC High-K printed circuit board defined by: JESD51-7 - High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages.
(3)
The PCB for the WSON (DRV) package RθJA includes two (2) thermal vias under the exposed thermal pad per EIA/JEDEC JESD51-5.
7.4 Thermal Information
THERMAL METRIC(1)
LP5912
UNIT
DRV (WSON)
6 PINS
RθJA
Junction-to-ambient thermal resistance, High-K(2)
71.2(3)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
93.7
°C/W
RθJB
Junction-to-board thermal resistance
40.7
°C/W
ψJT
Junction-to-top characterization parameter
2.5
°C/W
ψJB
Junction-to-board characterization parameter
41.1
°C/W
RJC(bot)
Junction-to-case (bottom) thermal resistance
11.2
°C/W


Similar Part No. - LP5912-2.8DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-2.8DRVR TI1-LP5912-2.8DRVR Datasheet
2Mb / 33P
[Old version datasheet]   LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5912-2.8DRVR TI1-LP5912-2.8DRVR Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5912-2.8DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5912-EP TI-LP5912-EP_V02 Datasheet
3Mb / 33P
[Old version datasheet]   LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
LP5912-EP TI-LP5912-EP Datasheet
3Mb / 33P
[Old version datasheet]   LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com