Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5912-1.5DRVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912-1.5DRVR
Description  500-mA Low-Noise, Low-IQ LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912-1.5DRVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5912-1.5DRVR Datasheet HTML 4Page - Texas Instruments LP5912-1.5DRVR Datasheet HTML 5Page - Texas Instruments LP5912-1.5DRVR Datasheet HTML 6Page - Texas Instruments LP5912-1.5DRVR Datasheet HTML 7Page - Texas Instruments LP5912-1.5DRVR Datasheet HTML 8Page - Texas Instruments LP5912-1.5DRVR Datasheet HTML 9Page - Texas Instruments LP5912-1.5DRVR Datasheet HTML 10Page - Texas Instruments LP5912-1.5DRVR Datasheet HTML 11Page - Texas Instruments LP5912-1.5DRVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Time (Ps)
0
50
100
150
200
250
300
350
400
450
500
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
D005
VIN
VOUT
VPG
Time (Ps)
0
50
100
150
200
250
300
350
400
450
500
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
D006
VIN
VOUT
VPG
Input Voltage (V)
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
D003
VOUT at IOUT =1 mA
VPG at IOUT =1 mA
VOUT at IOUT = 500 mA
VPG at IOUT = 500 mA
Input Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
D004
VOUT at IOUT = 1mA
VPG at IOUT = 1mA
VOUT at IOUT = 500 mA
VPG at IOUT = 500mA
Input Voltage (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
D001
VEN(ON)
VEN(OFF)
Input Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
D002
VOUT at IOUT = 1mA
VPG at IOUT = 1mA
VOUT at IOUT = 500 mA
VPG at IOUT = 500 mA
8
LP5912
SNVSA77D – DECEMBER 2015 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5912
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.7 Typical Characteristics
Unless otherwise stated: VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TJ = 25°C, unless otherwise
stated.
Figure 1. VEN Thresholds vs Input Voltage
Figure 2. LP5912-0.9 Output Voltage, VPG vs Input Voltage
Figure 3. LP5912-1.8 Output Voltage, VPG vs Input Voltage
Figure 4. LP5912-3.3 Output Voltage, VPG vs Input Voltage
VIN = 0 V to 1.6 V
IOUT = 1 mA
Figure 5. LP5912-0.9 Power Up
VIN = 0 V to 1.6 V
IOUT = 500 mA
Figure 6. LP5912-0.9 Power Up


Similar Part No. - LP5912-1.5DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-1.5DRVR TI1-LP5912-1.5DRVR Datasheet
2Mb / 33P
[Old version datasheet]   LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5912-1.5DRVR TI1-LP5912-1.5DRVR Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5912-1.5DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5912-EP TI-LP5912-EP_V02 Datasheet
3Mb / 33P
[Old version datasheet]   LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
LP5912-EP TI-LP5912-EP Datasheet
3Mb / 33P
[Old version datasheet]   LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com