Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS-12.288-20-SMD Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part No. AS-12.288-20-SMD
Description  LOW PROFILE MICROPROCESSOR CRYSTAL
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RALTRON [Raltron Electronics Corporation]
Homepage  http://www.raltron.com
Logo 

AS-12.288-20-SMD Datasheet(HTML) 1 Page - Raltron Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12.288 MHz
FUNDAMENTAL
SPECIFICATIONS:
FREQUENCY TOLERANCE AT 25°C:
MODE OF OSCILLATION:
FREQUENCY STABILITY OVER
STORAGE TEMPERATURE RANGE:
AGING:
LOAD CAPACITANCE:
DRIVE LEVEL:
SHUNT CAPACITANCE:
EQUIVALENT SERIES RESISTANCE:
HOLDER TYPE:
±30 PPM MAX
±50 PPM MAX
±5 PPM PER YEAR MAX
20 pF
CAGE CODE:
VUE
RALTRON
DRAWING TITLE:
DRAWING NUMBER:
LOW PROFILE MICROPROCESSOR
CRYSTAL
AS-12.288-20-SMD
APPROVED
DATE
REVISIONS
LTR
A
INITIAL RELEASE
10651 NW 19TH STREET
MIAMI, FL 33172
ALL DIMENSIONS ARE IN mm/inch
UNLESS OTHERWISE SPECIFIED
DRAWN BY:
Part Generator
CHECKED BY:
APPROVED BY:
SCALE:
DATE:
SHEET 1 OF
60 OHMS MAX
7 pF MAX
-55°C TO +125°C
5/5/03
TEMPERATURE RANGE:
HC-49/S SMD AS SHOWN
-20°C TO +70°C
OPERATING TEMPERATURE RANGE:
100 µW TYP, 1000 µW MAX
NOMINAL FREQUENCY:


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn