Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5912-0.9DRVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912-0.9DRVR
Description  500-mA Low-Noise, Low-IQ LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912-0.9DRVR Datasheet(HTML) 3 Page - Texas Instruments

  LP5912-0.9DRVR Datasheet HTML 1Page - Texas Instruments LP5912-0.9DRVR Datasheet HTML 2Page - Texas Instruments LP5912-0.9DRVR Datasheet HTML 3Page - Texas Instruments LP5912-0.9DRVR Datasheet HTML 4Page - Texas Instruments LP5912-0.9DRVR Datasheet HTML 5Page - Texas Instruments LP5912-0.9DRVR Datasheet HTML 6Page - Texas Instruments LP5912-0.9DRVR Datasheet HTML 7Page - Texas Instruments LP5912-0.9DRVR Datasheet HTML 8Page - Texas Instruments LP5912-0.9DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
2
3
6
5
4
OUT
NC
PG
IN
GND
EN
3
LP5912
www.ti.com
SNVSA77D – DECEMBER 2015 – REVISED NOVEMBER 2016
Product Folder Links: LP5912
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Voltage Options
This device is capable of providing fixed output voltages from 0.8 V to 5.5 V in 25-mV steps. For all available
package and voltage options, see the POA at the end of this datasheet. Contact Texas Instruments Sales for
specific voltage option needs.
6 Pin Configuration and Functions
DRV Package
6-Pin WSON With Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NUMBER
NAME
1
OUT
O
Regulated output voltage
2
NC
No internal connection. Leave open, or connect to ground.
3
PG
O
Power-good indicator. Requires external pullup.
4
EN
I
Enable input. Logic high = device is ON, logic low = device is OFF, with internal 3-MΩ
pulldown.
5
GND
G
Ground
6
IN
I
Unregulated input voltage
Exposed
thermal pad
Connect to copper area under the package to improve thermal performance. The use of
thermal vias to transfer heat to inner layers of the PCB is recommended. Connect the
thermal pad to ground, or leave floating. Do not connect the thermal pad to any potential
other than ground.


Similar Part No. - LP5912-0.9DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-0.9DRVR TI1-LP5912-0.9DRVR Datasheet
2Mb / 33P
[Old version datasheet]   LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5912-0.9DRVR TI1-LP5912-0.9DRVR Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5912-0.9DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5912-EP TI-LP5912-EP_V02 Datasheet
3Mb / 33P
[Old version datasheet]   LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
LP5912-EP TI-LP5912-EP Datasheet
3Mb / 33P
[Old version datasheet]   LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com