Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA1-15 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # SDA1-15
Description  LED control input indicator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

SDA1-15 Datasheet(HTML) 2 Page - American Electronic Components, inc

  SDA1-15 Datasheet HTML 1Page - American Electronic Components, inc SDA1-15 Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Code
S
D
A
1
Z
-
10
K
-
D
Switch Function
Z
-
Zero Crossover
R
-
Random
Load Current Rating
10
-
10A
15
-
15A
Load Voltage
K
-
40 to 480VAC
Control Voltage Input
D
-
4 to 32VDC
Dimensions
SDA1 - 10, - 15
DIN rail 10A & 15A solid-state relays
Ref: SDA1 1015 040416 JHM
Page 2 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Dimensions in mm
Specifications are subject to change without notice. E&OE.
Input Current v. Control Voltage: 4 ~ 32VDC
Input Current v. Control Voltage: 90 ~ 250VAC
Load Current Derating v. Ambient Temperature
Load Output v. Input Control Action (Zero X-over)
Fig. 1
Fig. 2
Fuse or Load
Load or Fuse
Control Input


Similar Part No. - SDA1-15

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
SDA1-15 AEC-SDA1-15 Datasheet
250Kb / 2P
   LED control input indicator
More results

Similar Description - SDA1-15

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
SDA3-40 AEC-SDA3-40 Datasheet
321Kb / 2P
   LED control input indicator
SDB1-80 AEC-SDB1-80 Datasheet
277Kb / 2P
   LED control input indicator
SDA1-60 AEC-SDA1-60 Datasheet
274Kb / 2P
   LED control input indicator
SDA1-80 AEC-SDA1-80 Datasheet
274Kb / 2P
   LED control input indicator
SDA3-15 AEC-SDA3-15 Datasheet
369Kb / 2P
   LED control input indicator
SDA1-20 AEC-SDA1-20 Datasheet
278Kb / 2P
   LED control input indicator
SDA1-25 AEC-SDA1-25 Datasheet
278Kb / 2P
   LED control input indicator
SDB1-60 AEC-SDB1-60 Datasheet
277Kb / 2P
   LED control input indicator
SDA3-10 AEC-SDA3-10 Datasheet
369Kb / 2P
   LED control input indicator
SDA1-15 AEC-SDA1-15 Datasheet
250Kb / 2P
   LED control input indicator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com