Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG79 Datasheet(PDF) 3 Page - American Electronic Components, inc

Part # DG79
Description  Custom Termination options inc shunts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG79 Datasheet(HTML) 3 Page - American Electronic Components, inc

  DG79 Datasheet HTML 1Page - American Electronic Components, inc DG79 Datasheet HTML 2Page - American Electronic Components, inc DG79 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DG79 / DG79B
industrial bistable (latching) power relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
All dimensions in mm
Specifications are subject to change without notice. E&OE.
Ref: DG79 051514JHM
Notes:
1) All parameters, unless otherwise specified, are measured at an ambient temperature of 23°C.
Wiring Diagram
Fig. 3
coil
coil
pin 1
pin 2
pin 3
+ ve
+ ve
- ve
release
operate
contacts shown in operated position
pin 1 pin 2 pin 3
Overall Dimensions
Fig. 1
DG79 “0H” Type
DG79 “0V” Type
DG79 “1V” Type
DG79 “2V” Type (with shunt)
Custom terminations available upon request


Similar Part No. - DG79

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG79 WILLOW-DG79 Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
DG79-3021-70H-SL05-MIL WILLOW-DG79-3021-70H-SL05-MIL Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
DG79-3021-70H-SL05-P WILLOW-DG79-3021-70H-SL05-P Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
DG79-3021-70H-SL09-MIL WILLOW-DG79-3021-70H-SL09-MIL Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
DG79-3021-70H-SL09-P WILLOW-DG79-3021-70H-SL09-P Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
More results

Similar Description - DG79

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
OTX-ACC-RTR-32-LD LINX-OTX-ACC-RTR-32-LD Datasheet
336Kb / 1P
   Custom options available for high volume orders
12/14/12
logo
List of Unclassifed Man...
FN-2-50 ETC2-FN-2-50 Datasheet
32Kb / 1P
   DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
   SHUNTS JUMPERS
logo
List of Unclassifed Man...
FH-80-50 ETC2-FH-80-50 Datasheet
39Kb / 1P
   DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
   DC Current Shunts
October 2017
logo
List of Unclassifed Man...
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
   DC Ammeter Shunts
logo
Riedon Powertron
RSN-20-50B RIEDON-RSN-20-50B Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
logo
Ohmite Mfg. Co.
S-SERIES OHMITE-S-SERIES Datasheet
502Kb / 2P
   High Current Shunts
logo
Major League Electronic...
SH-2 MAJOR-LEAGUE-SH-2 Datasheet
318Kb / 2P
   .079 cl Shunts
SH-1 MAJOR-LEAGUE-SH-1 Datasheet
101Kb / 2P
   .100 cl Shunts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com