Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6093 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SG-BGA-6093
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6093 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SG-BGA-6093 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6093 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6093 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6093 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Side View
Top View
Insulation Plate
Backing Plate
6.35mm
1.59mm
3mm
7mm
2.5mm
26.73mm
21.725mm±0.025mm
15.94mm
6mm sqr.
21.725mm±0.025mm
Note: Backing plate holes are tapped to accept 0-80 screws.
26.73mm
Status: Released
Drawing: H. Hansen
Scale: -
Rev: C
Date: 10/8/03
File: SG-BGA-6093 Dwg.mcd
SG-BGA-6093 Drawing
Modified: 7/17/09, AE
PAGE 4 of 4
© 2009 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Suite 400, Burnsville MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
Description: Backing Plate with Insulation Plate
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.


Similar Part No. - SG-BGA-6093

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6090 IRONWOOD-SG-BGA-6090 Datasheet
50Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6091 IRONWOOD-SG-BGA-6091 Datasheet
154Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6092 IRONWOOD-SG-BGA-6092 Datasheet
45Kb / 3P
   Compression plate distributes forces evenly
SG-BGA-6094 IRONWOOD-SG-BGA-6094 Datasheet
103Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6093

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com