Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA170 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA170
Description  High-Side, Bidirectional CURRENT SHUNT MONITOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA170 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button INA170 Datasheet HTML 2Page - Burr-Brown (TI) INA170 Datasheet HTML 3Page - Burr-Brown (TI) INA170 Datasheet HTML 4Page - Burr-Brown (TI) INA170 Datasheet HTML 5Page - Burr-Brown (TI) INA170 Datasheet HTML 6Page - Burr-Brown (TI) INA170 Datasheet HTML 7Page - Burr-Brown (TI) INA170 Datasheet HTML 8Page - Burr-Brown (TI) INA170 Datasheet HTML 9Page - Burr-Brown (TI) INA170 Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
INA170
7
SBOS193B
www.ti.com
currents by minimizing the effects of offset, while low values
of RS minimize voltage loss in the supply line. For most
applications, best performance is attained with an RS value
that provides a full-scale shunt voltage of 50mV to 100mV.
Maximum input voltage for accurate measurements is 500mV.
RL is chosen to provide the desired full-scale output voltage.
The output impedance of the INA170 Out terminal is very
high which permits using values of RL up to 100kΩ with
excellent accuracy. The input impedance of any additional
circuitry at the output should be much higher than the value
of RL to avoid degrading accuracy.
Some Analog-to-Digital (A/D) converters have input imped-
ances that will significantly affect measurement gain. The
input impedance of the A/D converter can be included as
part of the effective RL if its input can be modeled as a
resistor to ground. Alternatively, an op-amp can be used to
buffer the A/D converter input, as shown in Figure 2. See
Figure 1 for recommended values of RL.
OUTPUT VOLTAGE RANGE
The output of the INA170 is a current, which is converted to
a voltage by the load resistor, RL. The output current remains
accurate within the compliance voltage range of the output
circuitry. The shunt voltage and the input common-mode
and power supply voltages limit the maximum possible
output swing. The maximum output voltage compliance is
limited by the lower of the two equations below:
Vout max = (V+) – 0.7V – (VIN
+ – V
IN
)
(5)
or
Vout max = VIN
– 0.5V
(6)
(whichever is lower)
BANDWIDTH
Measurement bandwidth is affected by the value of the load
resistor, RL. High gain produced by high values of RL will
yield a narrower measurement bandwidth (see Typical Per-
formance Curves). For widest possible bandwidth, keep the
capacitive load on the output to a minimum.
If bandwidth limiting (filtering) is desired, a capacitor can be
added to the output, as shown in Figure 3. This will not
cause instability.
APPLICATIONS
The INA170 is designed for current shunt measurement
circuits as shown in Figure 1, but its basic function is useful
in a wide range of circuitry. A creative engineer will find
many unforeseen uses in measurement and level shifting
circuits.
FIGURE 4. Offsetting the Output Voltage.
FIGURE 2. Buffering Output to Drive A/D Converter.
FIGURE 3. Output Filter.
I
S
OPA340
INA170
2
1
4
6
Z
IN
R
L
Buffer of amp drives A/D converter
without affecting gain.
INA170
f
–3dB =
1
2
πR
LCL
V
O
f
–3dB
R
L
C
L
2
1
4
6
V
0
V
REF
R
L
6
Gain Set by R
L
Output Offset Current =
V
REF
R
OS
Output Offset Voltage =
• R
L
V
REF
R
OS
INA170
2
1
4
5
3
I
S
R
OS


Similar Part No. - INA170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA170 TI1-INA170 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
INA170EA TI1-INA170EA Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170EA/250 BURR-BROWN-INA170EA/250 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA170EA/250 TI1-INA170EA/250 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
INA170EA/250G4 TI1-INA170EA/250G4 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
More results

Similar Description - INA170

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Analog Devices
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_15 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. A
AD8210YR-R7 AD-AD8210YR-R7 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
   High Voltage, Bidirectional Current Shunt Monitor
AD8210 AD-AD8210_06 Datasheet
354Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. 0
logo
Texas Instruments
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com