Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9172 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 9172
Description  Single and dual output models with up to 210W output power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9172 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  9172 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9172 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9172 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9172 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9172 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9172 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.bkprecision.com
Programmable Dual-Range DC Power Supplies
9170 & 9180 series
4
* Low current mode for high voltage models 9184 and 9185 only.
LED mode
With LED mode active, inrush current will be eliminated or minimized to protect the UUT.
Low current mode*
This unique function enables the power supply to
minimize the voltage rise time in a controlled
manner. This mode is used when operating at a
low current (< 1 A) and quick transitions from a
high-to-low or low-to-high voltage are needed.
To address the growing LED market, the 9170/9180 series design incorporates special LED test modes for efficient and safe electrical tests of LED panels. Powering
LEDs with conventional power supplies will potentially cause permanent damage to the UUT or limit its lifespan due to excessive inrush current at power up and the
non-linear characteristics of the LED’s I-V curve. These power supplies feature two distinct operating modes suitable for LED testing in a manufacturing or R&D
environment and other special applications requiring a controlled rise time at power up without generating any inrush current.
Example LED test setup
Low current mode OFF
Low current mode ON
Current flow during power up with LED mode enabled
9170/9180 Series Operating Range
Voltage rise time with and without low current mode enabled
Inrush current
Output ON
20 ms
5 ms
Output ON
Test modes for LED and other special applications
LED mode OFF
LED mode ON
The 9170/9180 series provide a unique dual
range feature that offers the best of both worlds
by supplying two different ranges. Users can
select between high and low range operation for
either more voltage or more current depending
on your application, avoiding the higher cost of
buying more power than necessary.
Two power supplies in one


Similar Part No. - 9172

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
9172 BK-9172 Datasheet
2Mb / 6P
   Programmable Dual-Range DC Power Supplies
logo
Heyco.
9172 HEYCO-9172 Datasheet
105Kb / 1P
   Countersunk Type H Rivets
logo
Tyco Electronics
917226 MACOM-917226 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
917241 MACOM-917241 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
917242 MACOM-917242 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
More results

Similar Description - 9172

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
S-210 MEANWELL-S-210 Datasheet
274Kb / 2P
   210W Single Output Swithching Power Supply
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
logo
Omron Electronics LLC
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
BCP-5-3.3-D24 ETC1-BCP-5-3.3-D24 Datasheet
240Kb / 12P
   Dual Output Mixed Voltage, BCP Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
List of Unclassifed Man...
HEC50 ETC-HEC50 Datasheet
122Kb / 2P
    SINGLE OUTPUT UP TO 15A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com