Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4033 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4033
Description  Repetition rate of 0.1 Hz to 50 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4033 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4033 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4033 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4033 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
2
w
w w
w w
w..b
bk
k p
prre
ec
c iis
siio
on
n..c
c o
om
m
50 MHz Programmable Pulse Generators
Models 4033 & 4034
Front Panel Interface
For added flexibility, variable rise and fall times
can be programmed from 6 ns to 100 ms.
Various shapes of pulses can be obtained for
applications where parameters such as linearity,
switching times, or reflection times must be ana-
lyzed. Programmable rise and fall times could be
used to measure operational amplifier slew rates
and easily test thresholds of devices and circuits.
Variable Transitions
In the external width pulse mode, pulse period
and width are determined by an externally
applied signal. The pulse generator then applies
transition and level parameters to this signal in
order to generate the pulse. A power supply
designer for example could use this feature to
shape the width and period of the output signal
to drive the power supply’s FET transistors while
remaining synchronized with its control circuits.
External Width
These generators use a menu-driven front panel
keypad and control knob to adjust all parameters.
The bright, easy-to-read display shows all rele-
vant parameters along with a graphical represen-
tation of the output pulse. If an entered parame-
ter is not compatible with the existing setup sta-
tus, the operator is informed by an error mes-
sage.
Users can conveniently select predefined ampli-
tude levels for TTL, ECL, and CMOS signals, or
choose a custom amplitude level for specialized
applications.
Straightforward User Interface
Industry Leading Performance
F1-F5 Key – Select menu options
that appear on the bottom section
of the LCD display
Menu Keys – Selects menu
options for waveform parameters
Output On Button – Turns the
main output signal on or off
4033 Output Section –
Main output and Sync
output
Manual Trigger Key – Sends
manual trigger pulse when
pushed (requires instrument
to be in manual trigger
mode)


Similar Part No. - 4033

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
4033 MICRONETICS-4033 Datasheet
71Kb / 3P
   CONNECTORIZED PHASE SHIFTERS
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
logo
Heyco.
4033 HEYCO-4033 Datasheet
156Kb / 1P
   Heyco-Flex™ VI Liquid Tight Conduit Fittings
logo
C&D Technologies
40330 CANDD-40330 Datasheet
192Kb / 1P
   Toroidal Surface Mount Inductors
logo
List of Unclassifed Man...
40330 ETC1-40330 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

Similar Description - 4033

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFBT-6GW MINI-ZFBT-6GW Datasheet
204Kb / 2P
   Bias-Tee 50廓 Wideband 0.1 to 6000 MHz
logo
Pasternack Enterprises,...
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
   0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
logo
Texas Instruments
LMH6551 TI-LMH6551 Datasheet
1Mb / 28P
[Old version datasheet]   50 MHz 0.1 dB Bandwidth, 2400 V/關s Slew Rate, 18 ns Settling Time to 0.05%
logo
Pasternack Enterprises,...
PE1V31005 PASTERNACK-PE1V31005 Datasheet
513Kb / 6P
   Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and SMA
logo
Micronetics, Inc.
NMA2006-A1D MICRONETICS-NMA2006-A1D Datasheet
295Kb / 2P
   Legacy 100 Hz to 30 MHz
NZG10-2M MICRONETICS-NZG10-2M Datasheet
161Kb / 2P
   Legacy 100 Hz to 2 MHz
NZG25-1M MICRONETICS-NZG25-1M Datasheet
161Kb / 2P
   Legacy 100 Hz to 1 MHz
NMA2104-A2S MICRONETICS-NMA2104-A2S Datasheet
163Kb / 2P
   Legacy 100 Hz to 3 MHz
NZG25-2M MICRONETICS-NZG25-2M Datasheet
161Kb / 2P
   Legacy 100 Hz to 2 MHz
NZG5-5M MICRONETICS-NZG5-5M Datasheet
161Kb / 2P
   Legacy 100 Hz to 5 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com