Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4001A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 4001A
Description  Generates Sine, Triangle, & Square waveforms from 0.5 Hz to 4 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

4001A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model
4001A
4003A
Main Output
Frequency Range
0.5 Hz to 4 MHz in 6 Ranges
Waveforms
6 Waveforms (Sine, Square, Triangle,
Ramp, +Pulse, -Pulse)
Amplitude
0.2 Vpp - 20 Vpp (no load), 0.1 Vpp - 10 Vpp (50 Ω load)
Attenuator
-20 db (±2%)
Output Impedance
50 Ω (±2%)
DC Offset
±10 V (pull ADJ.)
Distortion
<2%, 1 Hz to 100 kHz
Rise/Fall Time
<90 ns
VCF Input
0 to 10 V control
SYNC Output
Rise Time
<60 ns (TTL), <90 ns (CMOS)
Level
approx. 3 Vpp (TTL), variable 4 Vpp - 15 Vpp [±1 Vpp] (CMOS)
Waveforms
Square, Pulse
Sweep
Mode
Linear/Log Sweep
Rate
5s to 10 ms Continuously Variable
Sweep Output
10 Vpp (open)
Output Impedance
1 kΩ ±2%
Frequency Counter
Display
-
5-digit LED display with Autorange
Resolution
-
0.01 Hz
MODE
-
INT Function Generator/EXT Counter
Accuracy
-
< 0.02% ± 1 digit, for 1 kHz
Frequency Range
-
0.2 Hz~20 MHz
Sensitivity
-
<100 mVrms (1 MHz), <200 mVrms (>1 MHz)
Max Input
-
<150 Vrms
Input Impedance
-
1 MΩ ±2%
AC Input
AC 115V/230 V +10%, 50/60 Hz
Dimension
11" x 3.6" x 11.9" (279.4 x 91.4 x 302.3 mm)
Net Weight
5.5 lbs. (2.5 kg)
One-Year Warranty
Supplied Accessories
Power cord and user manual
4 MHz Sweep Function Generators
Models 4001A & 4003A
Data Sheet
Technical data subject to change
© B&K Precision Corp. 2014
v050814
w w w.bk prec ision.c om
Tel.: 714.921.9095
Models 4001A and 4003A are 4 MHz sweep
function generators. The sweep function offers linear
or log sweep with variable sweep rates and widths.
The model 4003A has the addition of a 20 MHz
5-digit external frequency counter.
Featur es
I
Generates Sine, Triangle, & Square waveforms from
0.5 Hz to 4 MHz
I
20 Vpp output into open circuit (10 Vpp into
50 Ω)
I
TTL output <25 ns
I
±10 V DC offset
I
Variable amplitude output plus 20 dB attenuator
I
Kensington security slot
I
cUL approved
4003A Addi tional Fe ature s
I
CMOS variable level output
I
5-digit LED display
I
Voltage Controlled Frequency (VCF) input
4001A
4003A
Kensington security slot helps secure your
function generator and prevents theft.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn