Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2542B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 2542B
Description  60 MHz (2540B/2540B-GEN) and 100 MHz (2542B/2542B-GEN) bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2542B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  2542B Datasheet HTML 1Page - List of Unclassifed Manufacturers 2542B Datasheet HTML 2Page - List of Unclassifed Manufacturers 2542B Datasheet HTML 3Page - List of Unclassifed Manufacturers 2542B Datasheet HTML 4Page - List of Unclassifed Manufacturers 2542B Datasheet HTML 5Page - List of Unclassifed Manufacturers 2542B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
w w w.bk prec ision.c om
Store user arbitrary waveforms internally (up to
10 waveforms) or externally as an ARB or CSV
file to a USB flash drive.
Take advantage of the generator’s already
built-in waveforms that fit your application.
The built-in arbitrary waveform generator is
capable of many different types of modulation for
various applications. Modulate your waveforms
with AM, FM, FSK, PSK, and PWM modulation
schemes and use any of the 30 built-in wave-
forms as the modulating waveform.
Save and load arbitrary waveform data in
CSV format from a USB flash drive.
Arbitrary Waveform Generator Features for Models 2540B-GEN and 2542B-GEN
Quick and easy single-button capture func-
tion lets you acquire and store your signal
directly from the oscilloscope’s channels to
the generator’s internal memory. Not only
can CH1 and CH2 signals be captured, but
math functions applied to the channels can
also be captured and stored.
C apture and Storag e Functi on
Wi de Array of Modul ation Sche mes
30 Bui lt-In Arbitrary W avefor ms
Display a graphical illustration explaining the
parameters of the built-in arbitrary waveforms
and modulation schemes. This is a convenient
tool for students and new users.
Graphi cal Hel p Fe ature
Great for education labs, research, and manufac-
turing environments, the 2540B-GEN and
2542B-GEN help save bench space and cost by
combining 2 instruments in 1. These models
provide users a high performance DSO with a
full-featured Function/Arbitrary Waveform
Generator in a compact and affordable package.
Digital Storage Oscilloscopes
Models 2540B. 2542B, 2540B-GEN, 2542B-GEN
I
1 µHz to 20 MHz Sine Output (2540B-GEN)
1 µHz to 40 MHz Sine Output (2542B-GEN)
I
1 µHz to 20 MHz Square Output
I
1 mHz to 10 MHz Pulse Output
I
Frequency Sweep and Burst Mode
I
Output protected against short circuit
Generate, edit, and upload arbitrary
waveforms to the scope using the
intuitive Comsoft PC software.
Remotely connect to the scope and
download waveform data from custom
software using SCPI commands.
Multipl e Ways to I nterface


Similar Part No. - 2542B

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
2542 PULSE-2542 Datasheet
193Kb / 5P
   SWITCH-MODE TRANSFORMER GUIDE
logo
Shenzhen Tuofeng Semico...
2542 TUOFENG-2542 Datasheet
5Mb / 5P
   Dual N-Channel MOSFET
Mar,2020 V1.0
logo
Littelfuse
254201 LITTELFUSE-254201 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
logo
SUYIN USA, INC.
254201MR SUYIN-USA-254201MR Datasheet
247Kb / 1P
   2.54mm PITCH CENTER SINGLE ROW PIN WAFER BREAKABLE Right Angle Type
254201MS SUYIN-USA-254201MS Datasheet
256Kb / 1P
   2.54mm PITCH CENTER SINGLE PIN WAFER BREAKABLE S/T DIP TYPE
More results

Similar Description - 2542B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2511 ETC2-2511 Datasheet
474Kb / 7P
   60 MHz (2511/2515) and 100 MHz (2512/2516) bandwidth
logo
Spectrum Microwave, Inc...
SF1880BA02524S SPECTRUM-SF1880BA02524S Datasheet
331Kb / 4P
   1880 MHz SAW Filter 60 MHz Bandwidth
logo
API Technologies Corp
SF1960BA02525S APITECH-SF1960BA02525S Datasheet
138Kb / 3P
   1960 MHz SAW Filter 60 MHz Bandwidth
SF2140BA02540S APITECH-SF2140BA02540S Datasheet
168Kb / 3P
   2140 MHz SAW Filter 60 MHz bandwidth
SF0060CN02291T APITECH-SF0060CN02291T Datasheet
122Kb / 3P
   60 MHz SAW Filter 7.8 MHz bandwidth
SF0060CN02289T APITECH-SF0060CN02289T Datasheet
117Kb / 3P
   60 MHz SAW Filter 0.63 MHz bandwidth
SF0060BA03213T APITECH-SF0060BA03213T Datasheet
146Kb / 3P
   60 MHz SAW Filter 6.15 MHz Bandwidth
SF1880BA02524S APITECH-SF1880BA02524S Datasheet
331Kb / 4P
   1880 MHz SAW Filter 60 MHz Bandwidth
SF0060BA03214T APITECH-SF0060BA03214T Datasheet
144Kb / 3P
   60 MHz SAW Filter 7.8 MHz Bandwidth
logo
Silicon Laboratories
SI52142 SILABS-SI52142 Datasheet
187Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2 & GEN 3 CLOCK TWO OUTPUT GENERATOR WITH 25 MHZ REFERENCE CLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com