Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVUD320VT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NRVUD320VT4G
Description  Switch-mode Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVUD320VT4G Datasheet(HTML) 2 Page - ON Semiconductor

  NRVUD320VT4G Datasheet HTML 1Page - ON Semiconductor NRVUD320VT4G Datasheet HTML 2Page - ON Semiconductor NRVUD320VT4G Datasheet HTML 3Page - ON Semiconductor NRVUD320VT4G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MURD320, NRVUD320, SURD8320
www.onsemi.com
2
THERMAL CHARACTERISTICS
Characteristics
Symbol
Value
Unit
Thermal Resistance − Junction−to−Case
RqJC
6
°C/W
Thermal Resistance − Junction−to−Ambient (Note 1)
RqJA
80
°C/W
1. Rating applies when surface mounted on the minimum pad sizes recommended.
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage Drop (Note 2)
(iF = 3 Amps, TJ = 25°C)
(iF = 3 Amps, TJ = 125°C)
vF
0.95
0.75
Volts
Maximum Instantaneous Reverse Current (Note 2)
(TJ = 25°C, Rated dc Voltage)
(TJ = 125°C, Rated dc Voltage)
iR
5
500
mA
Maximum Reverse Recovery Time
(IF = 1 Amp, di/dt = 50 Amps/ms, VR = 30 V, TJ = 25°C)
(IF = 0.5 Amp, iR = 1 Amp, IREC = 0.25 A, VR = 30 V, TJ = 25°C)
trr
35
25
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
Figure 1. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0
0.6
0.2
0.8
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
3.0
0.5
5.0
50
1.4
VR, REVERSE VOLTAGE (VOLTS)
060
40
100
120
40
80
0.008
0.004
0.002
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
20
80
200
Figure 2. Typical Reverse Current*
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0
3.0
2.0
0
2.0
1.0
3.0
5.0
4.0
14
7.0
6.0
1.0
10
Figure 3. Average Power Dissipation
0.4
0.7
10
70
1.0
1.2
100
°C
TJ = 25°C
175
°C
160
180
140
0.08
0.04
0.02
100
°C
25
°C
6.0
5.0
4.0
9.0
8.0
7.0
9.0
8.0
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these curves if VR is sufficiently below rated
VR.
150
°C
11
10
13
12
TJ = 175°C
IPK/IAV = 20
SINE WAVE
SQUARE WAVE
dc
10
5.0
150
°C


Similar Part No. - NRVUD320VT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVUD320VT4G ONSEMI-NRVUD320VT4G Datasheet
216Kb / 5P
   Switch-mode Power Rectifier
August, 2020 - Rev. 12
More results

Similar Description - NRVUD320VT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com