Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL50015-1R24 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PL50015-1R24
Description  PL500-15 Series 5mm LED Right Angle Modular Holder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL50015-1R24 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PL50015-1R24 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL50015-1R24 Datasheet HTML 2Page - List of Unclassifed Manufacturers PL50015-1R24 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL50015-1R24 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL50015-1R24 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL50015-1R24 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL50015-1R24 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL50015-1R24 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL50015-1R24 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PL500 -15 Series 5mm Bi-Color LED Right Angle Modular Holder
Tel:
(719) 589 3122
Fax:
(719) 589 3592
www.p-tec.net
sales@p-tec.net
Features
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100µA)..……...…...…….…………………………………………. 5.0V
Max Forward Current…………..………………….……..…………………….…...3 0mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)………………………….………...100mA
Operating Temperature Range……………….………………….……....-25°C to + 85°C
Storage Temperature Range……………….……………….…..………..-25°C to +100°C
Soldering Temperature (1.6 mm below body)………....…………………..…260° for 5 seconds
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Material
Peak
Wave
Length
View
Angle
2
θ ½
Forward
Voltage
@20mA
(V)
Luminous
Intensity
@20mA
(mcd)
Lens Color Diffused
(nm)
Deg
Typ
Max
Typ Typ
PL50015-1RG2115
PL50015-1RG2413
PL50015-1RG1213
PL50015-1RY2401
PL50015-1RY1201
PL50015-1GR1312
Su Dark Red/Su Hi Eff Green
Bright Red/High Eff Green
Hi-Eff Red/High Eff Green
Bright Red/Yellow
High Eff Red/Yellow
High Eff Green/Yellow
GaAlAs on GaAs/GaP
GaP/GaP
GaAsP on GaP/GaP
Gap/GaAsP on Gap
GaAsPon GaP/GaAsPon GaP
GaP/GaAsP on GaP
660/567
700/567
635/567
700/585
635/585
567/585
95°
1.7/2.1
2.1/2.1
2.1/2.1
2.1/2.1
2.1/2.1
2.1/2.1
3.0/2.6
3.0/2.6
2.6/2.6
3.0/2.6
2.6/2.6
2.6/2.6
90.0
3.0
15.0
3.0
15.0
13.0
65.0
13.0
13.0
11.0
11.0
11.0
Package Dimensions are in Millimeters . Tolerance is ± 0.25mm unless otherwise specified.
*PL15 LED used for 3.8 mm Protrusion
*Modular Holder, 2 Protrusion Levels
*Housing Material Black Nylon UL94V-2
*Standard, Low Current, Super & Ultra
Bright available
*Available with Integrated Current Limiting
Resistor for 5V or 12V Operation
*High Light Output
*Housing Material Black Nylon UL94V-0
*Color Transparent (CT) Water Clear (WC)
White Diffused (WD) Lens available
*Ideal PC Board Indicator
0.5 Square
6.3
6.3
0.4
0.45
2.54
5.08± 0.5
3.8± 0.5
3.5± 0.5
Cathode


Similar Part No. - PL50015-1R24

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL500-15 MICREL-PL500-15 Datasheet
307Kb / 5P
   Low Phase Noise VCXO (1MHz to 18MHz)
PL500-15DC MICREL-PL500-15DC Datasheet
307Kb / 5P
   Low Phase Noise VCXO (1MHz to 18MHz)
PL500-15SC MICREL-PL500-15SC Datasheet
307Kb / 5P
   Low Phase Noise VCXO (1MHz to 18MHz)
PL500-15SC-R MICREL-PL500-15SC-R Datasheet
307Kb / 5P
   Low Phase Noise VCXO (1MHz to 18MHz)
PL500-15TC-R MICREL-PL500-15TC-R Datasheet
307Kb / 5P
   Low Phase Noise VCXO (1MHz to 18MHz)
More results

Similar Description - PL50015-1R24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL506 ETC2-PL506 Datasheet
24Kb / 1P
   5mm LED Single Right Angle Holder
logo
P-tec Corporation
PL501-1R12 P-TEC-PL501-1R12 Datasheet
30Kb / 1P
   5mm LED Single Right Angle Holder
PL505-1Y01 P-TEC-PL505-1Y01 Datasheet
29Kb / 1P
   5mm LED Single Right Angle Holder
PL506-1G13 P-TEC-PL506-1G13 Datasheet
29Kb / 1P
   5mm LED Single Right Angle Holder
PL501-1G13 P-TEC-PL501-1G13 Datasheet
30Kb / 1P
   5mm LED Single Right Angle Holder
PL501-1Y01 P-TEC-PL501-1Y01 Datasheet
30Kb / 1P
   5mm LED Single Right Angle Holder
PL505-1G13 P-TEC-PL505-1G13 Datasheet
29Kb / 1P
   5mm LED Single Right Angle Holder
PL506-1Y01 P-TEC-PL506-1Y01 Datasheet
29Kb / 1P
   5mm LED Single Right Angle Holder
PL505-1R12 P-TEC-PL505-1R12 Datasheet
29Kb / 1P
   5mm LED Single Right Angle Holder
PL505-1R21 P-TEC-PL505-1R21 Datasheet
29Kb / 1P
   5mm LED Single Right Angle Holder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com