Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYV32-200 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. BYV32-200
Description  Switch.mode Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BYV32-200 Datasheet(HTML) 3 Page - ON Semiconductor

  BYV32-200_14 Datasheet HTML 1Page - ON Semiconductor BYV32-200_14 Datasheet HTML 2Page - ON Semiconductor BYV32-200_14 Datasheet HTML 3Page - ON Semiconductor BYV32-200_14 Datasheet HTML 4Page - ON Semiconductor BYV32-200_14 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYV32−200
www.onsemi.com
3
Figure 1. Typical Forward Voltage, Per Leg
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.3
0.6
0.4
0.8
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
0.7
3.0
0.5
5.0
50
0.9
VR, REVERSE VOLTAGE (VOLTS)
060
40
100
120
400
800
0.08
0.04
0.02
8.0
4.0
2.0
200
40
20
80
TJ = 175°C
20
80
200
0.5
0.7
10
70
1.0
1.1
1.2
100
°C
TJ = 175°C
25
°C
160
180
140
0.8
0.4
0.2
100
°C
25
°C
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these same curves if VR is sufficiently below
rated VR.
0.2
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.2
0.5
0.4
0.7
0.8
100
0.1
10
0.3
0.6
1.4
Figure 2. Maximum Forward Voltage
1.0
1.2
0.9
1.0
1.1
175
°C
100
°C
25
°C
Figure 3. Typical Reverse Current, Per Leg*
Figure 4. Current Derating, Case, Per Leg
Figure 5. Current Derating, Ambient, Per Leg
1.3
TA, AMBIENT TEMPERATURE (°C)
025
2.0
4.0
0
6.0
8.0
10
12
20
50
75
100
125
150
175
SQUARE WAVE
dc
SQUARE WAVE
dc
RqJA = 16°C/W
RqJA = 60°C/W
(NO HEATSINK)
TC, CASE TEMPERATURE (°C)
140
155
150
0
4.0
2.0
6.0
10
8.0
20
14
12
145
180
160
175
170
165
18
16
SQUARE WAVE
dc
14
16
18


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn