Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG56C Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG56C
Description  Industry standard Maxi-ISO terminals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG56C Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG56C Datasheet HTML 1Page - American Electronic Components, inc DG56C Datasheet HTML 2Page - American Electronic Components, inc DG56C Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DG56C
automotive relays
Ordering codes
Type
Contact
material
Contact
arrangement
Cover protection and
mounting
Coil code
Coil Options
D
G
5
6
C
-
7
0
2
1
-
-
-
Series
C
-
70A High Current
Contact material
70
-
AgSnO
2
see coil table 1
Contact arrangement
21
-
SPST-NO (1N/O, 1 Form A)
Cover protection category
3
-
Sealed cover - IP67
7
-
Dust cover - IP54
9
-
Cover with plastic mounting bracket
Connection / mounting
5
-
For PCB
6
-
Flat Blades
Coil Options
Nil
-
No options
R
-
Parallel resistor
D
-
Parallel diode +85, -86
DR -
Parallel diode -85, +86 (Standard diode option)
DD -
Double Diodes +86 (See Fig 2 for detail)
Coil Data
Table 1
Coil voltage code
Nominal voltage
(VDC)
Coil resistance
(Ω) ± 10%
Must operate
voltage max.
( VDC)
Must release
voltage min.
(VDC)
Coil power
consumption
Parallel Resistor
(Ω) ± 5%
(when fitted)
1006
6
15.7
3.6
0.6
2.3W
180
1012
12
62
7.2
1.2
680
1024
24
250
14.4
2.4
2700
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 2 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Ref: DG56C 052616JHM Specifications are subject to change without notice. E&OE.


Similar Part No. - DG56C

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
DG56C-7021-35-1006-D WILLOW-DG56C-7021-35-1006-D Datasheet
245Kb / 3P
   automotive relays
DG56C-7021-35-1006-DD WILLOW-DG56C-7021-35-1006-DD Datasheet
245Kb / 3P
   automotive relays
DG56C-7021-35-1006-DR WILLOW-DG56C-7021-35-1006-DR Datasheet
245Kb / 3P
   automotive relays
DG56C-7021-35-1006-NIL WILLOW-DG56C-7021-35-1006-NIL Datasheet
245Kb / 3P
   automotive relays
More results

Similar Description - DG56C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1393304-5 ETC2-1393304-5 Datasheet
315Kb / 4P
   Plug-in Maxi ISO Relays
logo
Molex Electronics Ltd.
0638196800 MOLEX-0638196800 Datasheet
32Kb / 1P
   Hand Crimp Tool for Industry standard 1.78mm Terminals
08/26/2022
logo
TE Connectivity Ltd
V23134-J0052-D642 TEC-V23134-J0052-D642 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
V23134-F7 TEC-V23134-F7 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
logo
Molex Electronics Ltd.
ATS-6381969HM MOLEX-ATS-6381969HM Datasheet
355Kb / 6P
   Hand Crimp Tool for VersaBlade??Industry standard .070 Terminals
10-13-10
ATS-638196800 MOLEX-ATS-638196800 Datasheet
328Kb / 5P
   Hand Crimp Tool for VersaBlade??Industry standard .070" Terminals
7-23-10
logo
Picker Components
SC795 PICKER-SC795 Datasheet
411Kb / 2P
   4 / 5 Pin Maxi ISO Automotive Relay Socket
SC795 PICKER-SC795_17 Datasheet
449Kb / 3P
   4 / 5 Pin Maxi ISO Automotive Relay Socket
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
   Industry Standard Dimensions
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com