Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG31 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG31
Description  RoHS Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG31 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG31 Datasheet HTML 1Page - American Electronic Components, inc DG31 Datasheet HTML 2Page - American Electronic Components, inc DG31 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact material
Contact
arrangement
Cover protection
and mounting
Coil code
D
G
3
1
-
0
1
-
5
-
Contact material
1
-
AgCdO
See coil Table 1
3
-
AgSnO
2 (standard)
8
-
AgNi 0.15
Contact arrangement
1
-
SPDT (1 C/O, 1 Form C) (std)
2
-
SPST-NO
Cover protection category
2
-
in cover, flux tight - IP40
3
-
in cover, sealed - IP67 (std)
Connection mode
5
-
for PCB
DG31
miniature pcb power relay
Ref: DG31 073012JHM
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance (Ω)
±10%
Must operate volt-
age max. (V DC)
Must release volt-
age min. (V DC)
Max. allowable
voltage (V DC)
1003
3
25
2.25
0.15
3.9
1005
5
69
3.75
0.25
6.5
1006
6
100
4.50
0.30
7.8
1009
9
225
6.75
0.45
11.7
1012
12
400
9.00
0.60
15.6
1024
24
1600
18.00
1.20
31.2
1048
48
6400
36.00
2.40
62.4
Page 2 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552


Similar Part No. - DG31

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG31 WILLOW-DG31 Datasheet
253Kb / 3P
   miniature pcb power relay
DG31-1011-25-1003 WILLOW-DG31-1011-25-1003 Datasheet
253Kb / 3P
   miniature pcb power relay
DG31-1011-25-1005 WILLOW-DG31-1011-25-1005 Datasheet
253Kb / 3P
   miniature pcb power relay
DG31-1011-25-1006 WILLOW-DG31-1011-25-1006 Datasheet
253Kb / 3P
   miniature pcb power relay
DG31-1011-25-1009 WILLOW-DG31-1011-25-1009 Datasheet
253Kb / 3P
   miniature pcb power relay
More results

Similar Description - DG31

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com